Electronic Components Datasheet Search
  English  ▼

X  

FP80 Datasheet(PDF) 4 Page - Power-One

Part # FP80
Description  Filter & Ring Core Chokes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FP80 Datasheet(HTML) 4 Page - Power-One

  FP80 Datasheet HTML 1Page - Power-One FP80 Datasheet HTML 2Page - Power-One FP80 Datasheet HTML 3Page - Power-One FP80 Datasheet HTML 4Page - Power-One FP80 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Accessories
Filter & Ring Core Chokes FP, L and LP Series
REV. SEP 29, 2003
Page 4 of 5
Input Interference Reduction
Using L- or LP-series chokes together with an additional
external capacitor a similar attenuation can be achieved as
with filter blocks. The capacitor between the choke and the
converter input is necessary in order to avoid possible oscil-
lations caused by the negative input impedance of the regu-
lator. This phenomenon could cause the input voltage to
leave the specified regulator input range. The relatively
high ripple current flowing through the capacitor must be
considered for the design. Refer also to:
Technical Informa-
tion: Installation & Application.
The current compensated choke LP183 has a high perme-
ability ring core with two identical separate windings. The
normal operating current will only see the small stray in-
ductance between the windings. However common mode
interference will be blocked by the full inductance of the
choke.
Fig. 7
Low-loss ring core choke with external capacitor (Cex
approx. 1000
µF) used as output filter
Reduction of Output Ripple
Even though switching regulators have an inherently low
output ripple, certain sensitive applications need even fur-
ther reduction. In such cases, the low-loss ring core chokes
designed to reduce disturbances at the input can also be
used for reducing the ripple on the output voltage. The
chokes in combination with an external capacitor can
achieve even better results than the Filter Blocks with re-
gard to the ripple and dynamic regulation.
The formula for the remaining output ripple at the load
RL is
calculated as follows:
UR = uo • ZC ext/ZLD
uo:
Output ripple of the regulator
ZCex:
The impedance of the capacitor at the regu-
lator's switching frequency (150 kHz) corre-
sponds to the equivalent series resistance
(ESR) of the capacitor (please refer to the
corresponding data sheet).
ZLD =2
π • fS • LD
fS:
150 kHz (regulator switching frequency)
Through the use of a common mode choke LP 183, the
common mode noise at the output can also be further re-
duced.
Consider that the filter not only affects the output ripple but
can also influence the voltage
UR across the load RL in the
event of load changes. The static regulation increases with
the ohmic resistance of the choke, i.e. 6 mV/A for the choke
L/LP20-7 and 20 mV/A for the LP34-3.
The dynamic regulation is dependent on the size of the ca-
pacitor. Generally, the bigger
Cex the smaller is the dy-
namic, however, recovery will be slower.
Typical Application
A voltage drop
UrGo = rGo • (Io – Ii) is produced across the
ground loop resistance
rGo. It is superimposed upon the
regulators output voltage
Uo and generates the voltage UR
=
Uo – Ur Go across the load resistance RL. Without an input
inductance
Le the current Ii in the input circuit has a rela-
tively high AC component with a basic frequency
fs (regula-
tor's switching frequency of approx. 150 kHz). This alternat-
ing current produces an AC voltage component across
rGo
which is superimposed upon
URL.
To prevent this phenomenon, an inductance
Le can be in-
serted into the input circuit. This causes the AC component
of the input current to be supplied entirely from the input
capacitor
Ce; thus, Ii is a pure direct current. Ce should be
wired as close as possible to the regulator's input terminals
Vi+ and Gi–.
Le and Ce additionally provide protection against input tran-
sients and reduce radio interference voltages.
External connection of Gi– and Go– or connection via a
common ground is not recommended. The internal voltage
drop
UrG in the regulator would be superimposed on the
output voltage.
Vi+
Gi–
Vo+
Go–
PSR
Ce
Uo
U
12014
UR
RL
RD
LD
ZLD
ZC ext
Fig. 5
L/LP type chokes and capacitors used as input filter
Vi+
Gi–
Vo+
Go–
PSR
U
Cext 1
Cext 2
Cext 3
LP34-3 or
L/LP20-7
LP183
12013
Uo
RL
Vi+
Gi–
Vo+
Go–
PSR
RL
Uo
U
Ce
Le
UrG
rGo
rG
UrGo
Io
URL
12015
Fig. 6
Reduction of superimposed interference voltages in
grounded power supply systems, caused by ground loops



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com