Electronic Components Datasheet Search
  English  ▼

X  

LP20-7 Datasheet(PDF) 5 Page - Power-One

Part # LP20-7
Description  Filter & Ring Core Chokes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LP20-7 Datasheet(HTML) 5 Page - Power-One

  LP20-7 Datasheet HTML 1Page - Power-One LP20-7 Datasheet HTML 2Page - Power-One LP20-7 Datasheet HTML 3Page - Power-One LP20-7 Datasheet HTML 4Page - Power-One LP20-7 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Accessories
Filter & Ring Core Chokes FP, L and LP Series
REV. SEP 29, 2003
Page 5 of 5
Mechanical Dimensions
Dimensions in mm. Tolerances ±0.2 mm unless otherwise specified
Fig. 10
Differential mode choke LP34-3, weight 7 g
Fig. 9
Differential mode choke L20-7, weight 30 g
Fig. 11
Common mode choke LP183, weight 7 g
27
38.1
47.5
22 ±1
ø 3.8
0.8
2 x 5.08
17.5
ø 1
M 2.5
ø 0.8
5.08
7.6
13.2
7.5
max 8
ø 0.9
25 ±0.5
min. 4.5
1
3.22 ±0.5
(3.22)
b
16.6 ±1
4
1
2
3
4
6.8 ±1
b
Legend: b = 5.08 mm
1 = Uii (input)
2 = Uio (output)
3 = Gi (ground)
4 = Positioning pins
Fig. 8
Filter blocks FP weight 30 g
European
Projection
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not authorized for use as critical components in
life support systems, equipment used in hazardous environments, or nuclear control systems without the express
written consent of the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may
change depending on the date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com