Electronic Components Datasheet Search
  English  ▼

X  

SBP Datasheet(PDF) 1 Page - Kemet Corporation

Part # SBP
Description  Common Mode power lines
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SBP Datasheet(HTML) 1 Page - Kemet Corporation

  SBP Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC Line Filters VOL.02
• Withstanding voltage: 200V DC for one minute between lines
• Insulation resistance: More than 10M
(100V DC, between lines)
SMD Type
Common Mode power lines
SBP Series
SBP-5001T
50
5.0
500
7
–25 to +70
Rated voltage
Rated current
Impedance
DC resistance
Operating
Model
(at 100MHz)
(m /line)
temperature range
DC (V)
DC (A)
( ) min.
max.
(˚C)
SBP Series
1000
100
10
1
1
10
100
1000
Frequency (MHz)
8.2 max.
(4.5)
9.2 max.
34
2
1
4
3
2
1
Circuit Diagram
Shape and Dimensions
Impedance vs. Frequency
4.5
4.5
2.0
Recommended Land Pattern
[mm]
[mm]


Similar Part No. - SBP

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBP-060BA HANWHAVISION-SBP-060BA Datasheet
524Kb / 2P
Conduit Hole Adaptor
SBP-060S HANWHAVISION-SBP-060S Datasheet
592Kb / 2P
Steel Strap
SBP-099HMW HANWHAVISION-SBP-099HMW Datasheet
344Kb / 3P
Hanging Adaptor
SBP-099HMW HANWHAVISION-SBP-099HMW Datasheet
888Kb / 3P
Thread Converter
SBP-099HMW HANWHAVISION-SBP-099HMW Datasheet
998Kb / 3P
Pipe Converter
More results

Similar Description - SBP

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TLF9UAH102W0R8K1 TAIYO-YUDEN-TLF9UAH102W0R8K1 Datasheet
138Kb / 1P
Leaded Common Mode Choke Coils for AC lines
TLF9UAH302WR42K1 TAIYO-YUDEN-TLF9UAH302WR42K1 Datasheet
138Kb / 1P
Leaded Common Mode Choke Coils for AC lines
TLF14CB6820R8K1 TAIYO-YUDEN-TLF14CB6820R8K1 Datasheet
139Kb / 1P
Leaded Common Mode Choke Coils for AC lines
TLF14CBH4730R2K1 TAIYO-YUDEN-TLF14CBH4730R2K1 Datasheet
138Kb / 1P
Leaded Common Mode Choke Coils for AC lines
TLF14CBH5620R8K1 TAIYO-YUDEN-TLF14CBH5620R8K1 Datasheet
138Kb / 1P
Leaded Common Mode Choke Coils for AC lines
TLF24HB3330R5K1 TAIYO-YUDEN-TLF24HB3330R5K1 Datasheet
141Kb / 1P
Leaded Common Mode Choke Coils for AC lines
TLF24HB8221R0K1 TAIYO-YUDEN-TLF24HB8221R0K1 Datasheet
141Kb / 1P
Leaded Common Mode Choke Coils for AC lines
logo
Sumida Corporation
CPFC0535B SUMIDA-CPFC0535B Datasheet
151Kb / 3P
Common mode choke coil for DC lines
logo
RENCO ELECTRONICS, INC.
RL-7900-1 RENCO-RL-7900-1 Datasheet
2Mb / 3P
COMMON MODE CHOKE COILS FOR SIGNAL LINES
RL-7900-2 RENCO-RL-7900-2 Datasheet
1Mb / 6P
COMMON MODE CHOKE COILS FOR SIGNAL LINES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com