Electronic Components Datasheet Search
  English  ▼

X  

FC250F1 Datasheet(PDF) 13 Page - Tyco Electronics

Part # FC250F1
Description  Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FC250F1 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button FC250F1 Datasheet HTML 9Page - Tyco Electronics FC250F1 Datasheet HTML 10Page - Tyco Electronics FC250F1 Datasheet HTML 11Page - Tyco Electronics FC250F1 Datasheet HTML 12Page - Tyco Electronics FC250F1 Datasheet HTML 13Page - Tyco Electronics FC250F1 Datasheet HTML 14Page - Tyco Electronics FC250F1 Datasheet HTML 15Page - Tyco Electronics FC250F1 Datasheet HTML 16Page - Tyco Electronics FC250F1 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Tyco Electronics Corp.
13
Data Sheet
July 2000
18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
FC250F1 Power Module: dc-dc Converter;
Thermal Considerations (continued)
Introduction (continued)
The temperature at this location should not exceed
100 °C. The maximum case temperature can be limited
to a lower value for extremely high reliability. The output
power of the module should not exceed the rated power
for the module as listed in the Ordering Information table.
For additional information about these modules, refer to
the
Thermal Management for FC- and FW-Series 250
W—300 W Board-Mounted Power Modules Technical
Note (TN96-009EPS).
Heat Transfer Without Heat Sinks
Derating curves for forced-air cooling without a heat
sink are shown in Figures 19 and 20. These curves can
be used to determine the appropriate airflow for a given
set of operating conditions. For example, if the unit with
airflow along its length dissipates 20 W of heat, the
correct airflow in a 40 °C environment is 1.0 m/s
(200 ft./min.).
8-1315 (C)
Figure 19. Convection Power Derating with No Heat
Sink; Airflow Along Width; Transverse
Orientation
8-1314 (C)
Figure 20. Convection Power Derating with No Heat
Sink; Airflow Along Length;
Longitudinal Orientation
Heat Transfer with Heat Sinks
The power modules have through-threaded, M3 x 0.5
mounting holes, which enable heat sinks or cold plates
to be attached to the module. The mounting torque
must not exceed 0.56 N-m (5 in.-lb.). For a screw
attachment from the pin side, the recommended hole
size on the customer’s PWB around the mounting
holes is 0.130 ± 0.005 inches. If a larger hole is used,
the mounting torque from the pin side must not exceed
0.25 N-m (2.2 in.-lb.).
Thermal derating with heat sinks is expressed by using
the overall thermal resistance of the module. Total mod-
ule thermal resistance (
θca) is defined as the maximum
case temperature rise (
∆TC, max) divided by the module
power dissipation (PD):
The location to measure case temperature (TC) is
shown in Figure 18. Case-to-ambient thermal resis-
tance vs. airflow for various heat sink configurations is
shown in Figures 21 and 22. These curves were
obtained by experimental testing of heat sinks, which
are offered in the product catalog.
0
10
203040
100
0
40
60
70
LOCAL AMBIENT TEMPERATURE, TA (
°C)
30
20
10
90
80
70
60
50
50
4.0 m/s (800 ft./min.)
3.5 m/s (700 ft./min.)
3.0 m/s (600 ft./min.)
2.5 m/s (500 ft./min.)
2.0 m/s (400 ft./min.)
1.5 m/s (300 ft./min.)
1.0 m/s (200 ft./min.)
0.5 m/s (100 ft./min.)
0.1 m/s (20 ft./min.) NAT. CONV.
0
10
203040
100
0
40
60
70
LOCAL AMBIENT TEMPERATURE, TA (
°C)
30
20
10
90
80
70
60
50
4.0 m/s (800 ft./min.)
3.5 m/s (700 ft./min.)
3.0 m/s (600 ft./min.)
2.5 m/s (500 ft./min.)
2.0 m/s (400 ft./min.)
1.5 m/s (300 ft./min.)
1.0 m/s (200 ft./min.)
0.5 m/s (100 ft./min.)
50
0.1 m/s (20 ft./min.) NAT. CONV.
θca
∆TC max
,
PD
---------------------
TC
TA
–
()
PD
------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com