Electronic Components Datasheet Search
  English  ▼

X  

DP83867IRPAP Datasheet(PDF) 7 Page - Texas Instruments

Part # DP83867IRPAP
Description  DP83867IR/CR Robust, High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867IRPAP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DP83867IRPAP Datasheet HTML 3Page - Texas Instruments DP83867IRPAP Datasheet HTML 4Page - Texas Instruments DP83867IRPAP Datasheet HTML 5Page - Texas Instruments DP83867IRPAP Datasheet HTML 6Page - Texas Instruments DP83867IRPAP Datasheet HTML 7Page - Texas Instruments DP83867IRPAP Datasheet HTML 8Page - Texas Instruments DP83867IRPAP Datasheet HTML 9Page - Texas Instruments DP83867IRPAP Datasheet HTML 10Page - Texas Instruments DP83867IRPAP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 139 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
HTQFP
VQFN
GENERAL PURPOSE I/O
GPIO_0
39
S, O, PD
General Purpose I/O: This signal provides a multi-function configurable I/O.
Please refer to the GPIO_MUX_CTRL register for details.
GPIO_1
40
S, O, PD
General Purpose I/O: This signal provides a multi-function configurable I/O.
Please refer to the GPIO_MUX_CTRL register for details.
MANAGEMENT INTERFACE
MDC
20
16
I, PD
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO serial
management input/output data. This clock may be asynchronous to the MAC
transmit and receive clocks. The maximum clock rate is 25MHz and no
minimum.
MDIO
21
17
I/O
MANAGEMENT DATA I/O: Bi-directional management instruction/data signal
that may be sourced by the management station or the PHY. This pin requires
pullup resistor. The IEEE specified resistor value is 1.5kΩ, but a 2.2kΩ is
acceptable.
INT / PWDN
60
44
I/O, PU
INTERRUPT / POWER DOWN:
The default function of this pin is POWER DOWN.
POWER DOWN: Asserting this signal low enables the Power Down mode of
operation. In this mode, the device will power down and consume minimum
power. Register access will be available through the Management Interface to
configure and power up the device.
INTERRUPT: This pin may be programmed as an interrupt output instead of
a Power down input. In this mode, Interrupts will be asserted low using this
pin. When operating this pin as an interrupt, it is an open-drain architecture.
Register access is required for the pin to be used as an interrupt mechanism.
When operating this pin as an interrupt, an external 2.2kΩ connected to the
VDDIO supply is recommended.
RESET
RESET_N
59
43
I, PU
RESET: The active low RESET initializes or re-initializes the DP83867. All
internal registers will re-initialize to their default state upon assertion of
RESET. The RESET input must be held low for a minimum of 1µs.
CLOCK INTERFACE
XI
19
15
I
CRYSTAL/OSCILLATOR INPUT: 25MHz oscillator or crystal input (50 ppm)
XO
18
14
O
CRYSTAL OUTPUT: Second terminal for 25MHz crystal. Must be left floating
if a clock oscillator is used.
CLK_OUT
22
18
O
CLOCK OUTPUT: Output clock
JTAG INTERFACE
JTAG_CLK
25
20
I, PU
JTAG TEST CLOCK: IEEE 1149.1 Test Clock input, primary clock source for
all test logic input and output controlled by the testing entity.
JTAG_TDO
26
21
O
JTAG TEST DATA OUTPUT: IEEE 1149.1 Test Data Output pin, the most
recent test results are scanned out of the device via TDO.
JTAG_TMS
27
22
I, PU
JTAG TEST MODE SELECT: IEEE 1149.1 Test Mode Select pin, the TMS
pin sequences the Tap Controller (16-state FSM) to select the desired test
instruction.
JTAG_TDI
28
23
I, PU
JTAG TEST DATA INPUT: IEEE 1149.1 Test Data Input pin, test data is
scanned into the device via TDI.
JTAG_TRSTN
24
I, PU
JTAG TEST RESET: IEEE 1149.1 Test Reset pin, active low reset provides
for asynchronous reset of the Tap Controller. This reset has no effect on the
device registers.
www.ti.com
DP83867IR, DP83867CR
SNLS484H – FEBRUARY 2015 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DP83867IR DP83867CR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com