Electronic Components Datasheet Search
  English  ▼

X  

SC623ZZ Datasheet(PDF) 1 Page - MISUMI Group Inc

Part # SC623ZZ
Description  Stainless Steel Small Deep Groove Ball Bearings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MISUMI [MISUMI Group Inc]
Direct Link  https://www.misumi.co.jp/english/
Logo MISUMI - MISUMI Group Inc

SC623ZZ Datasheet(HTML) 1 Page - MISUMI Group Inc

  SC623ZZ Datasheet HTML 1Page - MISUMI Group Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-877
1
-878
1
-877
1
-878
1
Stainless Steel Small Deep Groove Ball Bearings
Double Shielded
Part Number
SB636ZZ
Stainless Steel Small Deep Groove Ball Bearings (Economy)
Double Shielded
QFeature: Economical Stainless Steel Small Deep Groove Ball Bearings made by overseas manufacturers.
Part Number
SC608ZZ
Congure Online
Congure Online
Congure Online
Congure Online
SB6_ _ZZ
SB6_ _AZZ
r
r
B
R
R
(Installation Diagram)
Bearing Accuracy: JIS B 1514 Class 0
M Material: 440C Stainless Steel
Part
Number
d
D
B
r
(min)
Basic Load Rating
Allowable
Rotational Speed
rpm (Reference)
Relative Dimensions
Mass (g)
(Reference) Unit Price
Cr (Dynamic)
N
Cor (Static)
N
Ds
(min)
dh
(max)
R
(max)
SB682ZZ
2
5
2.3
0.08
143
40
85000
2.7
3.9
0.08
0.17
SB692ZZ
6
3.0
0.15
281
79
75000
3.0
4.8
0.15
0.38
SB602ZZ
7
3.5
328
102
60000
3.2
5.8
0.58
SB682AZZ
2.5
6
2.6
0.08
178
59
71000
3.7
4.9
0.08
0.29
SB692AZZ
7
3.5
0.15
328
102
63000
3.85
5.65
0.15
0.55
SB673ZZ
3
6
2.5
0.1
178
59
71000
3.6
5.4
0.08
0.2
SB683ZZ
7
3
331
104
63000
3.9
5.8
0.1
0.45
SB693ZZ
8
4
0.15
474
144
60000
4.2
6.8
0.15
0.83
SB603ZZ
9
5
485
151
56000
7.8
1.45
SB623ZZ
10
4
536
175
50000
8.8
1.66
SB633ZZ
13
5
0.2
1105
388
40000
4.6
11.4
0.2
3.33
SB674ZZ
4
7
2.5
0.1
217
86
60000
6.4
0.08
0.28
SB684ZZ
9
4
544
179
53000
5.0
7.8
0.1
1.01
SB694ZZ
11
0.15
607
220
48000
5.2
9.8
0.15
1.75
SB604ZZ
12
0.2
813
276
5.6
10.4
0.2
2.29
SB624ZZ
13
5
1105
386
40000
11.4
3.04
SB634ZZ
16
0.3
1139
418
36000
6
14
0.3
5.21
SB675ZZ
5
8
2.5
0.1
174
72
53000
5.8
7.4
0.1
0.34
SB685ZZ
11
5
0.15
607
225
45000
6.2
9.8
0.2
1.96
SB695ZZ
13
4
0.2
915
344
43000
6.6
11.4
2.5
SB605ZZ
14
5
1105
404
40000
12.4
3.48
SB625ZZ
16
0.3
1470
536
36000
7
14
0.3
4.86
SB635ZZ
19
6
1986
708
32000
17
8.34
SB676ZZ
6
10
3
0.1
396
174
45000
7.04
9.3
0.1
0.68
SB686ZZ
13
5
0.15
918
352
40000
7.0
11.8
0.2
2.69
SB696ZZ
15
0.2
1139
418
7.6
13.4
3.72
SB606ZZ
17
6
0.3
1921
668
38000
8
15
0.3
6.08
SB626ZZ
19
1986
708
32000
17
7.94
SB636ZZ
22
7
2833
1138
30000
20
14.5
SB678ZZ
8
12
3.5
0.1
434
219
40000
9.05
11.33
0.1
0.97
SB688ZZ
16
5
0.2
1368
568
36000
9.6
14.4
0.2
4.02
SB698ZZ
19
6
0.3
1901
728
10
17
0.3
7.18
SB608ZZ
22
7
2799
1103
34000
20
12
SB628ZZ
24
8
2833
1138
28000
22
17
SB638ZZ
28
9
3879
1586
26
30.3
Ekgf=Nx0.101972
r
r
B
R
R
SC6_ _ZZ
(Installation Diagram)
Bearing Accuracy: JIS B 1514 Class 0
M Material:
440C Stainless Steel
Part Number
d
D
B
r
(min)
Basic Load Rating
Allowable
Rotational Speed
rpm (Reference)
Relative Dimensions
Mass (g)
(Reference)
Unit Price
Cr (Dynamic)
N
Cor (Static)
N
Ds
(min)
dh
(max)
R
(max)
SC682ZZ
2
5
2.3
0.1
166
49
85000
2.7
3.9
0.08
0.17
SC692ZZ
6
3
0.15
330
98
75000
3
4.8
0.15
0.38
SC673ZZ
3
2.5
0.1
206
69
71000
3.6
5.4
0.08
0.2
SC683ZZ
7
3
313
108
63000
3.9
5.8
0.1
0.45
SC693ZZ
8
4
0.15
559
176
60000
4.2
6.8
0.15
0.83
SC623ZZ
10
627
216
50000
8.8
1.66
SC674ZZ
4
7
2.5
0.08
255
108
60000
4.6
6.4
0.08
0.28
SC684ZZ
9
4
0.1
637
225
53000
5
7.8
0.1
1.01
SC694ZZ
11
0.15
960
353
48000
5.2
9.8
0.15
1.75
SC604ZZ
12
0.2
960
353
5.6
10.4
0.2
2.29
SC624ZZ
13
5
1303
490
40000
11.4
3.04
SC634ZZ
16
0.3
1340
523
36000
6
14
0.3
5.21
SC675ZZ
5
8
2.5
0.08
216
88
53000
5.8
7.4
0.1
0.34
SC685ZZ
11
5
0.2
715
282
45000
6.2
9.8
0.2
1.96
SC695ZZ
13
4
1078
431
43000
6.6
11.4
2.5
SC605ZZ
14
5
1333
510
40000
12.4
3.48
SC625ZZ
16
0.3
1666
588
36000
7
14
0.3
4.86
SC676ZZ
6
10
3
0.1
500
216
45000
7.04
9.3
0.1
0.68
SC686ZZ
13
5
0.2
1078
441
40000
7
11.8
0.15
2.69
SC696ZZ
15
1343
520
7.6
13.4
0.2
3.72
SC606ZZ
17
6
0.3
2264
843
38000
8
15
0.3
6.08
SC626ZZ
19
2332
882
32000
17
7.94
SC636ZZ
22
7
3333
1423
30000
20
14.5
SC678ZZ
8
12
3.5
0.1
510
274
40000
9.05
11.33
0.1
0.97
SC688ZZ
16
5
0.2
1254
588
36000
9.6
14.4
0.2
4.02
SC698ZZ
19
6
0.3
2234
921
10
17
0.3
7.18
SC608ZZ
22
7
3293
1382
34000
20
12
SC628ZZ
24
8
3332
1421
28000
22
17
ekgf=Nx0.101972
<Why Economy Type is recommended>
eFor details of Economy Type, see
P.873.
Causes for bearing problems can be detected by performing Anderon Inspection.
Economy Type shows equivalent actual Anderon values in comparison with our Standard products.
qEconomy Type is also in high quality.
•Anderon Value Comparison of Current MISUMI Standard Products and Current Economy Type
Frequency Spectrum
Economy
Type
Standard
Economy
Type
Standard
Economy
Type
Standard
L
Circularity of Groove and
Outer Ring
M
Scratches and Foreign Objects
on the Track Surface
H
Surface Roughness of
Groove and Steel Balls
Lower value
indicates higher
product integrity.
This inspection measures the bearing's rotational vibrations in (L, H, M)
frequency spectra to determine the bearing's performance.
The inspection is used on the finished bearings, serving the purpose of
removing bearing initial defects.
MISUMI's Economy Type Bearings are all subject to Anderon Inspection.
What is Anderon Inspection?
indicates the max. and
min. Anderon values of
the Economy Type.
For
Pricing and Days to Ship,Please Congure Online.


Similar Part No. - SC623ZZ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
logo
Infinite Electronics In...
SC6231 FAIRVIEW-SC6231 Datasheet
505Kb / 3P
BNC Female Connector Stub Terminal Solder Attachment 4 Hole Flange
REV 2.1
logo
Semtech Corporation
SC623A SEMTECH-SC623A Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
SC623AEVB SEMTECH-SC623AEVB Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
SC623AULTRT SEMTECH-SC623AULTRT Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
More results

Similar Description - SC623ZZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFB0424VHD ETC2-EFB0424VHD Datasheet
79Kb / 1P
Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
FTA DELTA-FTA Datasheet
356Kb / 1P
Bearing Type Ball Bearings
GFB DELTA-GFB Datasheet
297Kb / 1P
Bearing Type Ball Bearings
EFB DELTA-EFB Datasheet
480Kb / 2P
Bearing Type Ball Bearings
logo
BELIMO AIRCONTROLS (USA...
B207 BELIMO-B207 Datasheet
434Kb / 3P
Stainless Steel Ball and Stem
EV250SU-127 BELIMO-EV250SU-127 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV300SU-180 BELIMO-EV300SU-180 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV400SU-317 BELIMO-EV400SU-317 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV500SU-495 BELIMO-EV500SU-495 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV600SU-713 BELIMO-EV600SU-713 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com