Electronic Components Datasheet Search
  English  ▼

X  

OVA1064 Datasheet(PDF) 2 Page - Multicomp Pro

Part # OVA1064
Description  High Power Super Flux LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

OVA1064 Datasheet(HTML) 2 Page - Multicomp Pro

  OVA1064 Datasheet HTML 1Page - Multicomp Pro OVA1064 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Power Super Flux LEDs
Page <2>
20/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Maximum Ratings at Ta = 25°C
Reverse Voltage (<100 µA)
: 5 V
D.C. Forward Current
: 30 mA
Pulse Current (Pulse Width of 0.1 ms, 1 / 10 Duty Cycle)
: 100 mA
Operating Temperature Range
: -40 to +100°C
Storage Temperature Range
: -40 to +100°C
Soldering Temperature Dip Soldering
: 260°C for 5 s
Soldering Temperature Hand Soldering
: 350°C for 3 s
Electrical and Optical Characteristics at Ta = 25°C
LED Chip
Lens
Colours
Dominant
Wavelength
(nm) at 20 mA
Luminous
Intensity (mcd)
at 20 mA
Forward
Voltage (V)
at 20 mA
Viewing
Angle
2
θθ1/2 (°)
Part
Number
Material
Emitted
Colours
Brightness
Minimum Typical Typical Maximum
InGaN /
Sapphire
Blue
Mega
Water Clear
465
80
150
3.2
4
130
OVA-1063
True Green
520
270
540
120
OVA-1064
A1GaInP / Si
Red
625
200
400
2.1
2.6
OVA-1068
Yellow
589
520
2.5
OVA-1066
LED Chip
Lens
Colours
Co-Ordinates
for CIE
Chromaticity
at 20 mA
Luminous
Intensity (mcd)
at 20 mA
Forward
Voltage (V)
at 20 mA
Viewing
Angle
2
θθ1/2 (°)
Part
Number
Material
Emitted
Colours
Brightness
X Axis Y Axis Minimum Typical Typical Maximum
InGaN /
Sapphire
White
Mega
Water Clear 0.31
0.3
370
850
3.2
4
130
OVA-1061



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com