Electronic Components Datasheet Search
  English  ▼

X  

MB2000 Datasheet(PDF) 20 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2000
Description  General Specifications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2000 Datasheet(HTML) 20 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button MB2000 Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. MB2000 Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. MB2000 Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. MB2000 Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. MB2000 Datasheet HTML 19Page - Nihon Kaiheiki Industry Co. Ltd. MB2000 Datasheet HTML 20Page - Nihon Kaiheiki Industry Co. Ltd. MB2000 Datasheet HTML 21Page - Nihon Kaiheiki Industry Co. Ltd. MB2000 Datasheet HTML 22Page - Nihon Kaiheiki Industry Co. Ltd. MB2000 Datasheet HTML 23Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Series MB2000
Large Bushing Miniature Pushbuttons
C91
C
www.nkkswitches.com
HARDWARE
Standard Hardware for B3 Bushing
Standard Hardware for B1 Bushing
AT401P
O-ring
Material:
Nitrile butadiene rubber
AT503M
Hex Face Nut
Material:
Brass with Chrome plating
(16.0)
.630
(2.4)
.094
(12.1)
.476
(15.8) Dia
.622
(13.8) Dia
.543
(0.5)
.020
(1.0)
.039
(14.0)
.551
M12 P1
(16.0)
.630
(2.0)
.079
(2.8)
.110
(11.5)
.453
(18.2) Dia
.717
(12.1) Dia
.476
(1.0)
.039
(2.8)
.110
(9.5)
.374
Optional Splashproof Boot for B1 Bushing
AT4043
Splashproof Boot
Material: Silicone Rubber
Operating Life: 100,000 for momentary
50,000 for alternate action
When using a splashproof boot, no cap is required.
(16.0)
.630
(2.4)
.094
(12.1) Dia
.476
(17.5) Dia
.689
(1.5)
.059
(9.0)
.354
(10.7)
.421
(18.0) Dia
.709
(12.6) Dia
.496
(9.6) Dia
.378
(4.0) Max
.157
(3.5) Min
.138
M12 P1
AT527M
Hex Nut
Material:
Steel with Nickel plating
AT508
Lockwasher
Material:
Steel with Zinc/Chromate
AT506M
Locking Ring
Material:
Steel with Zinc/Chromate
AT503M
Hex Face Nut
Material:
Brass with Chrome plating
(14.3)
.563
M12 P1
(14.3)
.563
M12 P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com