Electronic Components Datasheet Search
  English  ▼

X  

FXP6000 Datasheet(PDF) 1 Page - Power-One

Part # FXP6000
Description  Distributed Power Front-End
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FXP6000 Datasheet(HTML) 1 Page - Power-One

  FXP6000 Datasheet HTML 1Page - Power-One FXP6000 Datasheet HTML 2Page - Power-One FXP6000 Datasheet HTML 3Page - Power-One FXP6000 Datasheet HTML 4Page - Power-One FXP6000 Datasheet HTML 5Page - Power-One FXP6000 Datasheet HTML 6Page - Power-One FXP6000 Datasheet HTML 7Page - Power-One FXP6000 Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Hot-Pluggable Model Selections
MODEL
OUTPUT
INPUT VOLTAGE RANGE
ADJUSTMENT
MAXIMUM OUTPUT
LINE
LOAD
INITIAL SETTING
VOLTAGE
3-PHASE (VAC)
RANGE
CURRENT
REGULATION
REGULATION (NOTE 1)
ACCURACY
FXP6000-32-S (NOTE 2) 32V
180 to 264 or 342 to 528
30.5 to 33.5V
175A
0.2%
0.2%
31.93V to 32.07V
FXP6000-48-S (NOTE 2) 48V
180 to 264 or 342 to 528
45.6V to 50.4V
125A
0.15%
0.2%
47.90V to 48.10V
NOTES: 1) With Remote Sense connected.
2) User-selectable input voltage ranges.
Input Specifications
PARAMETER
DESCRIPTION/CONDITIONS
MIN
NOM
MAX
UNITS
Input Voltage - AC
3-phase delta low input range, nominal.
200
240
VAC
3-phase delta high input range, nominal.
380
480
Continuous deviation from the above nominals.
-10
+10
%
Input Current
Per phase at full rated load.
FXP6000 at 180 VAC:
28
ARMS
Inrush Surge Current
Internally limited.
Vin = 264VAC (one cycle). 25° C:
38
APK
Vin = 528VAC (one cycle). 25° C:
38
Input Frequency
AC input.
50
60
Hz
Hold-up Time
After last AC line peak at full power.
208 VAC:
20
ms
410 VAC:
20
Operating Frequency
Switching frequency, fixed.
100
kHz
Power Factor
0.90
W/VA
FXP6000 AC-DC Series Data Sheet
FEB 11, 2005 revised to JAN 09, 2007
Page 1 of 8
www.power-one.com
Features
• Three-phase AC input
• Suitable for 3U or 5U height mounting
• Single-wire current share or Droop current share
• Remote voltage adjust and current monitoring
• Overtemperature, overload, and overvoltage protection
• LED supply status indicators
• Current-share control for up to 30 units
• Standard & customized rack adaptors available
• Front panel selectable-input-range model availability
• (For higher power requirements, see FXP7000)
• (For chassis-mount requirements, see FXC6000 OR FXC7000)
FXP6000 Front and Rear Views
Distributed Power
Front-End
The FXP6000 Series of rack-mounted power systems provides AC front-end capability to automatic test equipment,
telecom, data communications, and other distributed power designs. The FXP systems may be paralleled up to 180 kW
of output power. The FXP family is hot pluggable and includes paralleling (OR-ing) diodes. These power supplies
provide excellent protection against input voltage transients.
The FXP family power supplies may be plugged into or removed from an operating system when used in a redundant
power configuration.
Access to interfaces for remote sensing, remote voltage adjust, current sharing, current
monitoring, power supply status, standby voltage and inhibit, as well as power connections, is through a connector at
the rear of the supply. The FXP has its fan, handles, voltage adjust, and indicator lights on the front panel and a single
hot-plug connector on the rear. Airflow is from the front through the rear. Alarm, monitoring, and control signals are
floating from the main output and can be referenced to the positive or negative output or sense line of the power supply.
The output is floating with respect to the chassis and may be used as a positive or negative polarity supply.
The FXP6000 Series meets international safety requirements and is CE Marked to the Low Voltage Directive. This
series operates on three-phase European voltages as well as (up to) 480VAC, delta or wye.
Description


Similar Part No. - FXP6000

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP611.07.0092C TAOGLAS-FXP611.07.0092C Datasheet
863Kb / 11P
IPEX MHFI Connector
logo
List of Unclassifed Man...
FXP611070092C ETC2-FXP611070092C Datasheet
530Kb / 10P
Flexible Polymer GPS/GLONASS/COMPASS Cloud Shape Antenna
logo
Taoglas antenna solutio...
FXP611070092C TAOGLAS-FXP611070092C Datasheet
477Kb / 12P
The CLoud Flexible Polymer Cloud Shape Antenna
logo
List of Unclassifed Man...
FXP612.07.0095A ETC2-FXP612.07.0095A Datasheet
3Mb / 14P
FXP612 Flexible Polymer
logo
Taoglas antenna solutio...
FXP612.07.0095A TAOGLAS-FXP612.07.0095A Datasheet
3Mb / 14P
Flexible Loop Antenna
More results

Similar Description - FXP6000

ManufacturerPart #DatasheetDescription
logo
Power-One
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
Distributed Power Front-End
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
Distributed Power Front-End
logo
Artesyn Technologies
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
Distributed Power Bulk Front-End
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS650-3 ARTESYN-DS650-3 Datasheet
575Kb / 4P
Distributed Power Bulk Front-End
DS450DC-3 ARTESYN-DS450DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
Distributed Power Bulk Front-End
HPS3000-9 ARTESYN-HPS3000-9_16 Datasheet
1Mb / 9P
Distributed Power Bulk Front-End
DS3000PE ARTESYN-DS3000PE Datasheet
656Kb / 8P
Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com