Electronic Components Datasheet Search
  English  ▼

X  

1417107 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1417107
Description  SAC-3P-MINMR/ 2,0-U50/MINFS - Power cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1417107 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1417107 Datasheet HTML 1Page - PHOENIX CONTACT 1417107 Datasheet HTML 2Page - PHOENIX CONTACT 1417107 Datasheet HTML 3Page - PHOENIX CONTACT 1417107 Datasheet HTML 4Page - PHOENIX CONTACT 1417107 Datasheet HTML 5Page - PHOENIX CONTACT 1417107 Datasheet HTML 6Page - PHOENIX CONTACT 1417107 Datasheet HTML 7Page - PHOENIX CONTACT 1417107 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Connection 1
Type
Plug angled 7/8"-16UNF
Number of positions
3
Coding type
A
Connection 2
Type
Socket straight 7/8"-16UNF
Number of positions
3
Coding type
A
Cable/line
Cable length
2 m
TC-ER/600V, STOOW [U50]
Number of positions
3
Shielded
no
Cable type
TC-ER/600V, STOOW [U50]
Conductor cross section
3 x AWG 14
External cable diameter
14.53 mm
Outer sheath, material
PVC
External sheath, color
black
Conductor material
Bare Cu litz wires
Material wire insulation
PVC
Single wire, color
green 1, black 2, white 3
Overall twist
3 wires, twisted
Nominal voltage, cable
600 V
Flame resistance
UL 1581, FT2
Resistance to oil
Premium oil resistance (jacket and conductor)
Other resistance
UV resistant (720 h) (UL 2556)
-40 °C ... 105 °C (cable, fixed installation)
Ambient temperature (operation)
-30 °C ... 105 °C (Cable, flexible installation)
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP68
-20 °C ... 105 °C (Plug / socket)
-20 °C ... 105 °C (Plug / socket)
-40 °C ... 105 °C (cable, fixed installation)
Ambient temperature (operation)
-30 °C ... 105 °C (Cable, flexible installation)
SAC-3P-MINMR/ 2,0-U50/MINFS - Power cable
1417107
https://www.phoenixcontact.com/us/products/1417107
Aug 26, 2024, 3:54 AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com