Electronic Components Datasheet Search
  English  ▼

X  

SSC-FB102 Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # SSC-FB102
Description  CHIP LED DEVICE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-FB102 Datasheet(HTML) 2 Page - Seoul Semiconductor

  SSC-FB102 Datasheet HTML 1Page - Seoul Semiconductor SSC-FB102 Datasheet HTML 2Page - Seoul Semiconductor SSC-FB102 Datasheet HTML 3Page - Seoul Semiconductor SSC-FB102 Datasheet HTML 4Page - Seoul Semiconductor SSC-FB102 Datasheet HTML 5Page - Seoul Semiconductor SSC-FB102 Datasheet HTML 6Page - Seoul Semiconductor SSC-FB102 Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1. Features
Package : 1.6×0.8×0.6 mm
Untinted, Diffused flat mold
Wavelength : 590 nm
2. Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Value
Unit
Power Dissipation
Pd
72
mW
Forward Current
IF
30
mA
Peak Forward Current
IFM
*1
50
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
*1 IFM conditions: Pulse width Tw≤ 0.1ms, Duty ratio≤ 1/10
3. Electro-Optical Characteristics
(Ta=25℃)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
1.9
-
2.4
V
Reverse Current
IR
VR=5V
-
-
10
㎂
Luminous Intensity*2
IV
IF=20mA
30
-
140
mcd
Dominant Wavelength
λ p
IF=20mA
582
590
598
nm
Spectral Bandwidth
Δλ
IF=20mA
-
20
-
nm
Viewing angle*3
2θ 1/2
IF=20mA
-
120
-
˚
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package.
*3 θ 1/2 is the off-axis where the luminous intensity is 1/2 the peak intensity.
[Note] All products confirm to the listed minimum and maximum specifications for electric and optical characteristics, when operated at 20mA within
the maximum ratings shown above. All measurements were made under the standardized environment of SSC.
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 2/7 -
SSC-FB102
SSC-QP-0401-06(REV.0)
(Tolerance : Iv ±10 %, λD ±2 nm, VF ±0.1 V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com