Electronic Components Datasheet Search
  English  ▼

X  

FCW100Z Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # FCW100Z
Description  FLASH LED DEVICE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW100Z Datasheet(HTML) 8 Page - Seoul Semiconductor

  FCW100Z Datasheet HTML 1Page - Seoul Semiconductor FCW100Z Datasheet HTML 2Page - Seoul Semiconductor FCW100Z Datasheet HTML 3Page - Seoul Semiconductor FCW100Z Datasheet HTML 4Page - Seoul Semiconductor FCW100Z Datasheet HTML 5Page - Seoul Semiconductor FCW100Z Datasheet HTML 6Page - Seoul Semiconductor FCW100Z Datasheet HTML 7Page - Seoul Semiconductor FCW100Z Datasheet HTML 8Page - Seoul Semiconductor FCW100Z Datasheet HTML 9Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7. Packing
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 8/9 -
FCW100Z
SSC-QP-0401-06(REV.0)
CHIP LED
a
Aluminum Vinyl Bag
Outer Box
DESI PAK
Reel
CHIP LED
S E O U L S E M I C O N D U C T O R
C O . , L T D
*Material: Paper(SW3B(B))
b
220
SIZE(mm)
P A R T
: S S C - F C W 1 0 0 Z
C O D E
:
b
L O T N O :
Q ' Y T
: 2 0 , 0 0 0 E A
D A T E
:
7inch
TYPE
c
245
a
P / N : # # # # # # # # # #
L o t N o
# # # # # # # # #
수량 : 2000
제품명 SSC-FCW100Z
142
c
###
L o t N o
# # # # # # # # #
P / N : # # # # # # # # # #
수량 : 2000
제품명 SSC-FCW100Z
###



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com