Electronic Components Datasheet Search
  English  ▼

X  

FCW200Z Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # FCW200Z
Description  FLASH LED DEVICE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW200Z Datasheet(HTML) 7 Page - Seoul Semiconductor

  FCW200Z Datasheet HTML 1Page - Seoul Semiconductor FCW200Z Datasheet HTML 2Page - Seoul Semiconductor FCW200Z Datasheet HTML 3Page - Seoul Semiconductor FCW200Z Datasheet HTML 4Page - Seoul Semiconductor FCW200Z Datasheet HTML 5Page - Seoul Semiconductor FCW200Z Datasheet HTML 6Page - Seoul Semiconductor FCW200Z Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
6. Precaution for use
(1) Storage
In order to avoid the absorption of moisture, it is recommended to store in the dry box (or desicator)
with a desiccant . Otherwise, to store them in the following environment is recommended.
Temperature : 5℃~30℃
Humidity : 60%HR max.
(2) Attention after opened
However LED is corresponded SMD, when LED be soldered dip, interfacial separation may affect the
light transmission efficiency, causing the light intensity to drop. Attention in followed.
a. After opened and mounted, the soldering shall be quickly.
b. Keeping of a fraction
Temperature : 5 ~ 40℃
Humidity : less than 30%
(3) In case of more than 1 week passed after opening or change color of indicator on desiccant
components shall be dried 10-12hr. at 60±5℃.
(4) In case of supposed the components is humid, shall be dried dip-solder just before.
100Hr at 80±5℃ or 12Hr at 100±5℃.
(5) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to
normal temp. after soldering.
(6) Quick cooling shall not be avoid.
(7) Components shall not be mounted on warped direction of PCB.
(8) Anti radioactive ray design is not considered for the products listed here in.
(9) This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When
washing is required, IPA should be used.
(10) When the LEDs are illuminating, operating current should be decided after considering the ambient
maximum temperature.
(11) LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or more
after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used for storage.
(12) The LEDs must be soldered within seven days after opening the moisture-proof packing.
(13) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry
place.
(14) The appearance and specifications of the product may be modified for improvement without notice.
(15) Static Electricity and surge damages the Blue LEDs.
It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs.
All devices, equipment and machinery must be properly grounded.
(16) It is recommended to use individual resistor separately when the LEDs applies in parallel circuit
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 7/7 -
FCW200Z
SSC-QP-0401-06(REV.0)
so that it may improve the light deviations.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com