Electronic Components Datasheet Search
  English  ▼

X  

FCW320G Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # FCW320G
Description  CHIP LED DEVICE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW320G Datasheet(HTML) 4 Page - Seoul Semiconductor

  FCW320G Datasheet HTML 1Page - Seoul Semiconductor FCW320G Datasheet HTML 2Page - Seoul Semiconductor FCW320G Datasheet HTML 3Page - Seoul Semiconductor FCW320G Datasheet HTML 4Page - Seoul Semiconductor FCW320G Datasheet HTML 5Page - Seoul Semiconductor FCW320G Datasheet HTML 6Page - Seoul Semiconductor FCW320G Datasheet HTML 7Page - Seoul Semiconductor FCW320G Datasheet HTML 8Page - Seoul Semiconductor FCW320G Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4. Characteristic Diagrams
Forward Current vs Forward Voltage
Relative Intensity vs Forward Current
Allowable Forward Current vs ambient Temperature
Forward Current vs Chromaticity Coordinate
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 4/10 -
FCW320G
SSC-QP-0401-06(REV.0)
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
1
10
100
Forward Voltage [V]
0
20
40
60
80 100 120 140 160 180 200 220 240
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Foward Current [mA]
-20
0
20
40
60
80
100
0
20
40
60
80
100
Temperature [
oC]
0
20
40
60
80
100 120 140 160 180 200 220 240
0.31
0.32
0.33
0.34
0.35
X
Y
Forward Current [mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com