Electronic Components Datasheet Search
  English  ▼

X  

HWD13 Datasheet(PDF) 1 Page - NTE Electronics

Part # HWD13
Description  1/2 WATT METAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

HWD13 Datasheet(HTML) 1 Page - NTE Electronics

  HWD13 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1/2 WATT METAL
9
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
NTE
NTE
NTE
NTE
NTE
NTE
NTE
Value in
Stock
Value in
Stock
Value in
Stock
Value in
Stock
Value in
Stock
Value in
Stock
Value in
Stock
Ohms
Number
Ohms
Number
Ohms
Number
Ohms
Number
Ohms
Number
Ohms
Number
Ohms
Number
0.10
HWD10
0.11
HWD11
0.12
HWD12
0.13
HWD13
0.15
HWD15
0.16
HWD16
0.18
HWD18
0.20
HWD20
0.22
HWD22
0.24
HWD24
0.27
HWD27
0.30
HWD30
0.33
HWD33
0.36
HWD36
0.39
HWD39
0.43
HWD43
0.47
HWD47
0.51
HWD51
0.56
HWD56
0.62
HWD62
0.68
HWD68
0.75
HWD75
0.82
HWD82
0.91
HWD91
1.0
HW1D0
1.1
HW1D1
1.2
HW1D2
1.3
HW1D3
1.5
HW1D5
1.6
HW1D6
1.8
HW1D8
2.0
HW2D0
2.2
HW2D2
2.4
HW2D4
2.7
HW2D7
3.0
HW3D0
3.3
HW3D3
3.6
HW3D6
3.9
HW3D9
4.3
HW4D3
4.7
HW4D7
5.1
HW5D1
5.6
HW5D6
6.2
HW6D2
6.8
HW6D8
7.5
HW7D5
8.2
HW8D2
9.1
HW9D1
10
HW010
11
HW011
12
HW012
13
HW013
15
HW015
16
HW016
18
HW018
20
HW020
22
HW022
24
HW024
27
HW027
30
HW030
33
HW033
36
HW036
39
HW039
43
HW043
47
HW047
51
HW051
56
HW056
62
HW062
68
HW068
75
HW075
82
HW082
91
HW091
100
HW110
110
HW111
120
HW112
130
HW113
150
HW115
160
HW116
180
HW118
200
HW120
220
HW122
240
HW124
270
HW127
300
HW130
330
HW133
360
HW136
390
HW139
430
HW143
470
HW147
510
HW151
560
HW156
620
HW162
680
HW168
750
HW175
820
HW182
910
HW191
1K
HW210
1.1K
HW211
1.2K
HW212
1.3K
HW213
1.5K
HW215
1.6K
HW216
1.8K
HW218
2K
HW220
2.2K
HW222
2.4K
HW224
2.7K
HW227
3K
HW230
3.3K
HW233
3.6K
HW236
3.9K
HW239
4.3K
HW243
4.7K
HW247
5.1K
HW251
5.6K
HW256
6.2K
HW262
6.8K
HW268
7.5K
HW275
8.2K
HW282
9.1K
HW291
10K
HW310
11K
HW311
12K
HW312
13K
HW313
15K
HW315
16K
HW316
18K
HW318
20K
HW320
22K
HW322
24K
HW324
27K
HW327
30K
HW330
33K
HW333
36K
HW336
39K
HW339
43K
HW343
47K
HW347
51K
HW351
56K
HW356
62K
HW362
68K
HW368
75K
HW375
82K
HW382
91K
HW391
100K
HW410
110K
HW411
120K
HW412
130K
HW413
150K
HW415
160K
HW416
180K
HW418
200K
HW420
220K
HW422
240K
HW424
270K
HW427
300K
HW430
330K
HW433
360K
HW436
390K
HW439
430K
HW443
470K
HW447
510K
HW451
560K
HW456
620K
HW462
680K
HW468
750K
HW475
820K
HW482
910K
HW491
1M
HW510
1.1M
HW511
1.2M
HW512
1.3M
HW513
1.5M
HW515
1.6M
HW516
1.8M
HW518
2M
HW520
2.2M
HW522
2.4M
HW524
2.7M
HW527
3M
HW530
3.3M
HW533
3.6M
HW536
3.9M
HW539
4.3M
HW543
4.7M
HW547
5.1M
HW551
5.6M
HW556
6.2M
HW562
6.8M
HW568
7.5M
HW575
8.2M
HW582
9.1M
HW591
10M
HW610
11M
HW611
12M
HW612
13M
HW613
15M
HW615
16M
HW616
18M
HW618
20M
HW620
22M
HW622
SPECIFICATIONS
Electrical Characteristics @ 70
°C
NTE Number
Resistance Range
(Ohms)
Tolerance
(%)
Voltage
(Volts)
Operating Temperature
(Topr)
Temperature Coefficient
(PPM/
°C)
HWD10 thru HW9D1
0.20 to 9.1
5
300
−55
° to +155°C
100
HW010 thru HW510
10 to 1M
2
350
−55
° to +155°C
200
HW511 thru HW622
1.1M to 22M
2
350
−55
° to +155°C
200
Mechanical* (Typical, inches/mm)
NTE Number
Body Length
(L)
Body Diameter
(D)
Lead Diameter
(d)
Lead Length
(LL)
HWD10 thru HW9D1
0.375 (9.5)
0.138 (3.5)
0.027 (0.7)
1.02 (26)
HW010 thru HW510
0.355 (9.02)
0.148 (3.76)
0.032 (0.81)
1.5 (38.1)
HW511 thru HW622
0.375 (9.5)
0.138 (3.5)
0.032 (0.81)
1.18 (30)
* These dimensions are for reference only, please consult the factory for actual size.
d
D
L
LL


Similar Part No. - HWD13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWD13 ETC2-HWD13 Datasheet
892Kb / 1P
1/2 WATT METAL
More results

Similar Description - HWD13

ManufacturerPart #DatasheetDescription
logo
Power-One
CRS505 POWER-ONE-CRS505 Datasheet
45Kb / 2P
1/2 WATT
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
198Kb / 3P
1 WATT METAL CASE ZENER DIODES
logo
WJ Communication. Inc.
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
1/2 - Watt HFET
logo
List of Unclassifed Man...
EW310 ETC2-EW310 Datasheet
749Kb / 1P
1/8 WATT METAL
logo
RSG Electronic Componen...
RR4-S08-D08 RSG-RR4-S08-D08 Datasheet
155Kb / 3P
8 Watt 2:1 regulated
logo
List of Unclassifed Man...
HW9D1 ETC2-HW9D1 Datasheet
892Kb / 1P
1/2 WATT METAL
HW222 ETC2-HW222 Datasheet
892Kb / 1P
1/2 WATT METAL
logo
NTE Electronics
502-0401 NTE-502-0401 Datasheet
374Kb / 1P
1/2 Watt and 1/4 Watt, 6mm dia. shaft
logo
America Semiconductor, ...
1N3016B AMERICASEMI-1N3016B Datasheet
712Kb / 2P
1 Watt Metal Case Zener Diodes
logo
Energizer
ML1W2AAE ENERGIZER-ML1W2AAE Datasheet
186Kb / 1P
2 AA Metal Flashlight 1 Watt LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com