Electronic Components Datasheet Search
  English  ▼

X  

70EPF02 Datasheet(PDF) 3 Page - International Rectifier

Part # 70EPF02
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70EPF02 Datasheet(HTML) 3 Page - International Rectifier

  70EPF02 Datasheet HTML 1Page - International Rectifier 70EPF02 Datasheet HTML 2Page - International Rectifier 70EPF02 Datasheet HTML 3Page - International Rectifier 70EPF02 Datasheet HTML 4Page - International Rectifier 70EPF02 Datasheet HTML 5Page - International Rectifier 70EPF02 Datasheet HTML 6Page - International Rectifier 70EPF02 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
70EPF.. QUIET
IR Series
Bulletin I2154 rev. C 12/02
www.irf.com
T
J
Max.JunctionTemperatureRange
-40to150
°C
T
stg
Max.StorageTemperatureRange
-40to150
°C
R
thJC
Max.ThermalResistanceJunction
0.35
°C/W
DCoperation
toCase
R
thJA
Max.ThermalResistanceJunction
40
°C/W
toAmbient
R
thCS
TypicalThermalResistance,Caseto
0.2
°C/W
Mountingsurface,smoothandgreased
Heatsink
wt
ApproximateWeight
6(0.21)
g(oz.)
T
MountingTorque
Min.
6(5)
Max.
12(10)
Case Style
PowIRtabTM
Thermal-Mechanical Specifications
Parameters
70EPF..
Units
Conditions
Kg-cm
(Ibf-in)
Fig.1-CurrentRatingCharacteristics
Fig.2-CurrentRatingCharacteristics
Fig.3-ForwardPowerLossCharacteristics
Fig.4-ForwardPowerLossCharacteristics
Average Forward Current (A)
Average Forward Current (A)
Average Forward Current (A)
Average Forward Current (A)
50
60
70
80
90
100
110
120
130
140
150
0
20
406080
30˚
60˚
90˚
120˚
180˚
Conduction Angle
70EPF.. Series
R
(DC) = 0.35 K/W
thJC
70
80
90
100
110
120
130
140
150
0
20
40
60
80
100
120
DC
60˚
90˚
30˚
120˚
180˚
Conduction Period
70EPF.. Series
R
(DC) = 0.35 K/W
thJC
0
20
40
60
80
100
120
0
10203040506070
RMS Limit
180˚
120˚
90˚
60˚
30˚
Conduction Angle
70EPF.. Series
T = 150˚C
J
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
DC
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Period
70EPF.. Series
T = 150˚C
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com