Electronic Components Datasheet Search
  English  ▼

X  

70EPF06 Datasheet(PDF) 1 Page - International Rectifier

Part # 70EPF06
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70EPF06 Datasheet(HTML) 1 Page - International Rectifier

  70EPF06 Datasheet HTML 1Page - International Rectifier 70EPF06 Datasheet HTML 2Page - International Rectifier 70EPF06 Datasheet HTML 3Page - International Rectifier 70EPF06 Datasheet HTML 4Page - International Rectifier 70EPF06 Datasheet HTML 5Page - International Rectifier 70EPF06 Datasheet HTML 6Page - International Rectifier 70EPF06 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
I
F(AV)
180° Sin.
Conduction
@ T
C
= 97° C
V
RRM
range
200/ 600
V
I
F(RMS)
135
A
V
F
@70A,T
J
=25°C
1.33
V
t
rr
@1A,-100A/µs
70
ns
T
J
range
- 40 to 150
°C
Characteristics
70EPF..
Units
70
A
Major Ratings and Characteristics
Description/Features
FAST SOFT RECOVERY
RECTIFIER DIODE
Bulletin I2154 rev. C 12/02
V
F
< 1.33V @ 70A
t
rr = 70ns
V
RRM200/600V
QUIET
IR Series
70EPF..
1
The 70EPF.. fast soft recovery
QUIET
IR rectifier series
has been optimized for combined short reverse recovery
time and low forward voltage drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling conditions.
Available in the new Pow
IRtab TM package, this new series
is suitable for a large range of applications combining
excellent die to footprint ratio and sturdeness connectivity
for use in high current environments.
Typical applications are both:
Output rectification and freewheeling in
inverters, choppers and converters
Input rectifications where severe
restrictions on conducted EMI should be met.
Case Styles
70EPF..
70EPF..J
(*)
for higher voltage up to 1600V contact factory
www.irf.com


Similar Part No. - 70EPF06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70EPF10 IRF-70EPF10 Datasheet
148Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
70EPF10J IRF-70EPF10J Datasheet
148Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
70EPF12 IRF-70EPF12 Datasheet
148Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
70EPF12J IRF-70EPF12J Datasheet
148Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 70EPF06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
Fast Soft Recovery Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com