Electronic Components Datasheet Search
  English  ▼

X  

70EPF02J Datasheet(PDF) 4 Page - International Rectifier

Part # 70EPF02J
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70EPF02J Datasheet(HTML) 4 Page - International Rectifier

  70EPF02J Datasheet HTML 1Page - International Rectifier 70EPF02J Datasheet HTML 2Page - International Rectifier 70EPF02J Datasheet HTML 3Page - International Rectifier 70EPF02J Datasheet HTML 4Page - International Rectifier 70EPF02J Datasheet HTML 5Page - International Rectifier 70EPF02J Datasheet HTML 6Page - International Rectifier 70EPF02J Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
70EPF.. QUIET
IR Series
Bulletin I2154 rev. C 12/02
www.irf.com
Fig.5-MaximumNon-RepetitiveSurgeCurrent
Fig.6-MaximumNon-RepetitiveSurgeCurrent
Fig.7-ForwardVoltageDropCharacteristics
Fig.9-RecoveryTimeCharacteristics,T
J
=150°C
Fig.8-RecoveryTimeCharacteristics,T
J
=25°C
Numberof Equal AmplitudeHalf CycleCurrent Pulses (n)
PulseTrainDuration(s)
InstantaneousForwardVoltage(V)
RateOfFallOf ForwardCurrent-dI/dt(A/µs)
RateOfFallOf ForwardCurrent-dI/dt(A/µs)
200
300
400
500
600
700
800
900
1
10
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
70EPF.. Series
100
200
300
400
500
600
700
800
900
1000
0.01
0.1
1
10
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
Initial Tj = 150˚C
No Voltage Reapplied
Rated Vrrm Reapplied
70EPF.. Series
1
10
100
1000
0
123
4
70EPF.. Series
T = 150˚C
J
T = 25˚C
J
0.05
0.1
0.15
0.2
0.25
0
20
406080
100
1 A
5 A
10 A
30 A
70EPF.. Series
T = 25˚C
J
I
= 70 A
FM
0.1
0.2
0.3
0.4
0.5
0
204060
80
100
1 A
5 A
10 A
30 A
70EPF.. Series
T = 150˚C
J
I
= 70 A
FM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com