Electronic Components Datasheet Search
  English  ▼

X  

58133 Datasheet(PDF) 1 Page - Alpha Wire

Part # 58133
Description  18 (7/.0152) AWG BC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

58133 Datasheet(HTML) 1 Page - Alpha Wire

  58133 Datasheet HTML 1Page - Alpha Wire 58133 Datasheet HTML 2Page - Alpha Wire 58133 Datasheet HTML 3Page - Alpha Wire 58133 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 58133
Construction
 
Diameters (In)
1) Component 1
3 X 1 COND
 
a) Conductor
18 (7/.0152) AWG BC
0.046
b) Insulation
0.009" Wall, Nom. PVC, Plenum Rated
0.064
(1) Color Code
Alpha Wire Color Code D2
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
WHITE
3
RED
2) Cable Assembly
3 Components Cabled
 
a) Twists:
4.8 Twists/foot (min)
 
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
 
a) Foil Direction
Foil Facing Out
 
b) Drain Wire
22 (7/30) AWG TC
 
4) Jacket
0.015" Wall, Nom.,PVC, Plenum Rated
0.172 (0.180 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 58133 3C 18 AWG
SHIELDED 75C CMP(UL) C(UL) OR 75C (UL) CL2P
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications
1) UL
CL2P
75°C
 
CMP
75°C
2) CSA International
FT6
 
 
C(UL) TYPE CMP
 
3) CE:
EU Low Voltage Directive 2006/95/EC


Similar Part No. - 58133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5813311I-A100 ETC2-5813311I-A100 Datasheet
155Kb / 4P
Incremental Encoder
5813311I-A1000 ETC2-5813311I-A1000 Datasheet
155Kb / 4P
Incremental Encoder
5813311I-A1500 ETC2-5813311I-A1500 Datasheet
155Kb / 4P
Incremental Encoder
5813311I-A3000 ETC2-5813311I-A3000 Datasheet
155Kb / 4P
Incremental Encoder
5813311I-A5000 ETC2-5813311I-A5000 Datasheet
155Kb / 4P
Incremental Encoder
More results

Similar Description - 58133

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C6312 GENERAL-C6312 Datasheet
73Kb / 1P
2C 18 7/.0152 BCTC PVC UNJACKETED Sound, Alarm & Security Cable
C7102A GENERAL-C7102A Datasheet
72Kb / 1P
2C 18 7/.0152 TC PVC
E1036S GENERAL-E1036S Datasheet
73Kb / 1P
6C 18 AWG 7/26 BC PVC PVC Sound, Alarm & Security Cable
E1038S GENERAL-E1038S Datasheet
74Kb / 1P
8C 18 AWG 7/26 BC PVC PVC Sound, Alarm & Security Cable
E1040S GENERAL-E1040S Datasheet
74Kb / 1P
10C 18 AWG 7/26 BC PVC PVC Sound, Alarm & Security Cable
E1041S GENERAL-E1041S Datasheet
74Kb / 1P
12C 18 AWG 7/26 BC PVC PVC Sound, Alarm & Security Cable
E2036S GENERAL-E2036S Datasheet
74Kb / 1P
6C 18 AWG 7/26 BC PVC OAS PVC Sound, Alarm & Security Cable
E2038S GENERAL-E2038S Datasheet
74Kb / 1P
8C 18 AWG 7/26 BC PVC OAS PVC Sound, Alarm & Security Cable
E2040S GENERAL-E2040S Datasheet
74Kb / 1P
10C 18 AWG 7/26 BC PVC OAS PVC Sound, Alarm & Security Cable
logo
Belden Inc.
4305ULW BELDEN-4305ULW Datasheet
151Kb / 2P
Security & Sound, 7 Conductor 18 AWG BC, LSZH, Cca
12-20-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com