Electronic Components Datasheet Search
  English  ▼

X  

HR330 Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # HR330
Description  RED HIGH FLUX LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HR330 Datasheet(HTML) 2 Page - Seoul Semiconductor

  HR330 Datasheet HTML 1Page - Seoul Semiconductor HR330 Datasheet HTML 2Page - Seoul Semiconductor HR330 Datasheet HTML 3Page - Seoul Semiconductor HR330 Datasheet HTML 4Page - Seoul Semiconductor HR330 Datasheet HTML 5Page - Seoul Semiconductor HR330 Datasheet HTML 6Page - Seoul Semiconductor HR330 Datasheet HTML 7Page - Seoul Semiconductor HR330 Datasheet HTML 8Page - Seoul Semiconductor HR330 Datasheet HTML 9Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
-2-
RED HIGH FLUX LED
HR330
<070803> Rev.1.5
서식번호 : QP-7-03-05 (Rev.00)
Outline Dimensions
Unit : mm
7.62 ±0.5
ANODE
3 ±0.2
CATHODE
CHAMFER 1.25 X 1.25
1.5±0.2
0.76 ±0.1
5.08 ±0.2
5.0°
0.4 ±0.2
5.08 ±0.3
Notes : Protruded epoxy is 1.4mm maximum.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com