Electronic Components Datasheet Search
  English  ▼

X  

V2AF Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # V2AF
Description  Motor Driven Hybrid Card Reader
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V2AF Datasheet(HTML) 1 Page - Omron Electronics LLC

  V2AF Datasheet HTML 1Page - Omron Electronics LLC V2AF Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Information
Part Number
Magnetic Card
Integrated Circuit Card
Shutter
V2AF-01
Tracks 1,2 and 3
No
No
V2AF-04
Track 2
No
No
V2AF-06
Tracks 1 and 2
No
No
V2AF-07
Tracks 2 and 3
No
No
V2AF-00JP
None
Yes
Yes
V2AF-01JP
Tracks 1,2 and 3
Yes
Yes
V2AF-04JP
Track 2
Yes
Yes
V2AF-06JP
Tracks 1 and 2
Yes
Yes
V2AF-07JP
Tracks 2 and 3
Yes
Yes
V2AF
Motor Driven Hybrid Card Reader
Part Number
V2AF
Recommended card type
Magnetic card: ISO 7810-7813
Number of tracks
One, two or three tracks
Recording method
F2F
Recording density
Track 1 : 210 BPI
Track 2 : 75 BPI
Track 3 : 210 BPI
Memory capacity
Track 1 : 7 bit x 79 characters max.
Track 2 : 5 bit x 40 characters max.
Track 3 : 5 bit x 107 characters max.
Card feeding speed
250 – 20% mm/s
Motor Type
DC motor
Service life
600,000 passes
Operating power supply
12VDC –10%
Current consumption
500 - 2000 mA max.
Mounting location
Indoor
Ambient
Operation
+5 to 50 C
Temperature
Storage
-20 C to 70 C
Ambient
Operation
5% to 85% without condensation
Humidity
Storage
5% to 90% without condensation
Vibration
10 to 150 Hz with a width of 0.1mm or 15m/s
2 acceleration
Shock
150m/s
2 acceleration, three times in six directions
Dimensions
145 L x 70 W x 36 H mm
Weight
500 grammes
Specifications
Compact Card Reader for Magnetic and Smart Cards
s
One, two or three track capability.
s
Capable of reading both low and high coercivity
cards. Pin shutter for added security.
s
Eight pin ICC acceptor.
s
RS232C Interface and 12V DC Power Supply.
s
Accepts processor and specific memory ICCs.


Similar Part No. - V2AF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2AF105A150Y1DDP AVX-V2AF105A150Y1DDP Datasheet
143Kb / 5P
TransFeed Automotive Series
V2AF105A150Y1DRP AVX-V2AF105A150Y1DRP Datasheet
143Kb / 5P
TransFeed Automotive Series
V2AF105A150Y1DTP AVX-V2AF105A150Y1DTP Datasheet
143Kb / 5P
TransFeed Automotive Series
V2AF105A150Y1EDP AVX-V2AF105A150Y1EDP Datasheet
143Kb / 5P
TransFeed Automotive Series
V2AF105A150Y1ERP AVX-V2AF105A150Y1ERP Datasheet
143Kb / 5P
TransFeed Automotive Series
More results

Similar Description - V2AF

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML69240 OKI-ML69240 Datasheet
92Kb / 13P
Intelligent Microcontroller Driven Dual Smartcard Reader IC
logo
Advanced Technical Mate...
AV08-XX-28 ATM-AV08-XX-28 Datasheet
72Kb / 1P
OUTLINE, AV08 MOTOR DRIVEN ATTENUATOR
AV07-XX-28 ATM-AV07-XX-28 Datasheet
73Kb / 1P
OUTLINE, AV07 MOTOR-DRIVEN ATTENUATOR
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168 Datasheet
284Kb / 5P
Rotary Motor-driven Type
logo
Omron Electronics LLC
3S4YR-MKW OMRON-3S4YR-MKW Datasheet
525Kb / 5P
Motor Driven Card Reader/Writer
3S4YR-MM OMRON-3S4YR-MM Datasheet
1Mb / 6P
Motor Driven Card Reader/Writer
3S4YR-MVF OMRON-3S4YR-MVF Datasheet
389Kb / 4P
Motor Driven Card Reader/Writer
3S4YR-MBR4 OMRON-3S4YR-MBR4 Datasheet
163Kb / 5P
Motor Driven Card Reader
logo
List of Unclassifed Man...
315A-AH ETC2-315A-AH Datasheet
170Kb / 1P
Outdoor Motor Driven Industrial Siren
logo
Omron Electronics LLC
3S4YR-MBR OMRON-3S4YR-MBR Datasheet
163Kb / 5P
Motor Driven Card Reader
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com