Electronic Components Datasheet Search
  English  ▼

X  

AL1101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AL1101
Description  24-Bit Analog-to-Digital Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL1101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AL1101 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL1101 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.wavefrontsemi.com
2
Table of Contents
General Description ………….……………………………….............………….. 1
Features …………………………………………………………..…………….......... 1
Applications ……………………………………….........................……………... 1
Architecture Block Diagram and Package …..………………………………. 1
Table of Contents ………………..……………………………………….............. 2
Pin Descriptions …………………………………………………………………….. 2
Electrical Characteristics ………………………………............…...……….… 3
Recommended Operating Conditions ……..…………….……………... 3
Analog Characteristics …….............………………………………........ 3
Digital Filter Characteristics ...........………………………………........ 3
Digital Inputs ……………………….............……..….......................... 3
Output ……………………………….............……..….......................... 3
Architecture Details …..........…………………………………………………….. 4
Differential Analog Inputs .……............…..……………………...……. 4
Single Ended Input Conditioning Circuit ……...........……… 4
Unbalanced Input Conditioning Circuit ……...........………. 4
Serial Output Interface …….............………………………………....... 5
Serial Output Interface Formats ……………............…………5
Serial Output Interface Timing ……………............……..……5
Digital Highpass Output Filter …..…………............…..…………...... 6
Clock Generator and PLL ……………………............…..…………...... 6
Reference and MID ……………………............…..……..........……...... 6
Power Supplies and Ground ……………………............…..………..... 6
Suggested Connections ………………………………………….………………… 7
Package Dimensions ………………………………………….………………….....7
Notice and Contact Information ………………………………………………...8
Pin Descriptions
Pin#
Name
Pin Type
Description
1
INL+
In
Positive analog input, left channel.
2
INL-
In
Negative analog input, left channel.
3
AGND
Ground
Analog ground.
4
REF+
Power
Positive reference, connect to VDD thru 1k
Ω resistor,
connect 0.1
µF bypass capacitor to REF-.
5
REF-
Ground
Negative reference, connect to GND
6
VD
Power
Digital supply, connect 0.1
µF bypass capacitor to GND.
7
DGND
Ground
Digital ground
8
FORMAT
In
Format select: 0=32 bits/frame, 1=24bits/frame.
9
WDCLK
In
Sample frequency wordclock, 24kHz<Fs<55kHz.
10
DOUT
Out
Serial data output.
11
DGND
Ground
Digital ground.
12
AGND
Ground
Analog ground.
13
VA
Power
Analog supply, connect 0.1
µF bypass capacitor to GND.
14
MID
I/O
Mid reference, connect 0.1
µF bypass capacitor to GND.
15
INR-
In
Negative analog input, right channel.
16
INR+
In
Positive analog input, right channel.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com