Electronic Components Datasheet Search
  English  ▼

X  

NPW-TSD Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # NPW-TSD
Description  SPNovaLED InGaN White High Lumens : 350 mA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NPW-TSD Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  NPW-TSD Datasheet HTML 1Page - DOMINANT Semiconductors NPW-TSD Datasheet HTML 2Page - DOMINANT Semiconductors NPW-TSD Datasheet HTML 3Page - DOMINANT Semiconductors NPW-TSD Datasheet HTML 4Page - DOMINANT Semiconductors NPW-TSD Datasheet HTML 5Page - DOMINANT Semiconductors NPW-TSD Datasheet HTML 6Page - DOMINANT Semiconductors NPW-TSD Datasheet HTML 7Page - DOMINANT Semiconductors NPW-TSD Datasheet HTML 8Page - DOMINANT Semiconductors NPW-TSD Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
24/07/2007 V3.0
2
NPW-TSD-ADE-1
• NPW-TSD-AD
• NPW-TSD-AE
InGaN
120
14000.0 - 22400.0
14000.0 - 18000.0
18000.0 - 22400.0
InGaN White High Lumens : 350 mA
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 350mA (mcd)
NOTE
1. Luminous intensity is measured with an accuracy of ± 11%.
2. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Typ. (V)
Vf @ If = 350mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Part Number
NPW-TSD
3.6
4.0
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic, PPA
Silicone Resin
Sn-Sn Plating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com