Electronic Components Datasheet Search
  English  ▼

X  

NPT-USS-ADE Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # NPT-USS-ADE
Description  SPNovaLED InGaN True Green :1 Watt
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NPT-USS-ADE Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  NPT-USS-ADE Datasheet HTML 1Page - DOMINANT Semiconductors NPT-USS-ADE Datasheet HTML 2Page - DOMINANT Semiconductors NPT-USS-ADE Datasheet HTML 3Page - DOMINANT Semiconductors NPT-USS-ADE Datasheet HTML 4Page - DOMINANT Semiconductors NPT-USS-ADE Datasheet HTML 5Page - DOMINANT Semiconductors NPT-USS-ADE Datasheet HTML 6Page - DOMINANT Semiconductors NPT-USS-ADE Datasheet HTML 7Page - DOMINANT Semiconductors NPT-USS-ADE Datasheet HTML 8Page - DOMINANT Semiconductors NPT-USS-ADE Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
24/08/2006 V2.0
2
NPT-USS-ADE-1
• NPT-USS-AD
• NPT-USS-AE
InGaN
True Green, 525
120
14,000.0 - 22,400.0
14,000.0 - 18,000.0
18,000.0 - 22,400.0
SPNovaLED InGaN True Green : 1 Watt
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 350mA (mcd)
NOTE
1. Luminous intensity is measured with an accuracy of ± 11%.
2. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Typ. (V)
Vf @ If = 350mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Part Number
NPT-USS
3.6
4.0
Optical Characteristics at Ta=25˚C
Part Number
NPT-USS-ADE
Wavelength Grouping
Group
Color
NPT; True Green
Full
A
B
525 - 535
525 - 530
530 - 535
Wavelength distribution (nm)
Dominant wavelength is measured with an accuracy of ± 1 nm.
14,000
Min.
16,000
Typ.
Intensity @ If=350mA (mcd)
22,400
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com