Electronic Components Datasheet Search
  English  ▼

X  

KSD82S Datasheet(PDF) 1 Page - OTAX Corporation

Part # KSD82S
Description  LOW PROFILE ROTARY DIP SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTAX [OTAX Corporation]
Direct Link  http://www.otax.co.jp/ehome/eindex.htm
Logo OTAX - OTAX Corporation

KSD82S Datasheet(HTML) 1 Page - OTAX Corporation

  KSD82S Datasheet HTML 1Page - OTAX Corporation KSD82S Datasheet HTML 2Page - OTAX Corporation KSD82S Datasheet HTML 3Page - OTAX Corporation KSD82S Datasheet HTML 4Page - OTAX Corporation KSD82S Datasheet HTML 5Page - OTAX Corporation KSD82S Datasheet HTML 6Page - OTAX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KU
SERIES
KHU
04
6.1
8.12
KHS42
KHU04
SUPER LOW PROFILE DIP SWITCH
DIMENSION
• These super-miniature (a terminal pitch of 0.05
inch) multi-contact switchs are designed for
use inside a very space saving and high
technical electronic equipment.
• Reliability maintained with a size reduction of
41.9% (compared with our 8 poles standard
DIP switches).
• The plastic case is designed for better heat
resistance.
• Gold-plated electrical contacts are the standard
specification.
• SMT units are compatible with an automatic
assembling equipment, reflow (tape sealing)
mounting and washable. (Compatible with
automatic handling methods; such as a tape
and stick).
FEATURES
300mil SOP Standard
K U D R 1
0
E
LOW PROFILE ROTARY DIP SWITCHES
• Low profile of 7mm square and 3mm high
provides to increase a capacity of surface
mounting P.C.B.
• Beryllium copper of spring using and high
grade stainless steel are used, and gained a
fine click touch of stepping.
• Terminal pitch is 0.1 inch as same as series K.
• By employing an engineering plastic, heat
resisting is much improved.
• Horizontal(H) type is newly available(7mm
square and 6mm high).
• SMT units are compatible with an automatic
assembling equipment, reflow mounting and
washable. (Compatible with automatic handling
methods; such as a tape and stick).
Embossed Taping for
Surface Mount
Application only.
Code
D
Actuator
Driver
Series
FEATURES
HOW TO ORDER
Code
R
C
Coding
Real code
Complement code
Code
10
16
Step
10-Positions
16-Positions
Code
S
L
Terminal
P/C type
S type
L type
Code
H
Type
Vertical
Horizontal
Code
2
Lead-free
Conventional Type
Lead-free Type
2
To be marketed at a later date.
KH
SERIES
K H S 8
2 E
HALF PITCH DIP SWITCHES
• These super-miniature (a terminal pitch of 0.05
inch) multi-contact switchs are designed for
use inside a very space saving and high
technical electronic equipment.
• Reliability maintained with a size reduction of
41.9% (compared with our 8 poles standard
DIP switches).
• The plastic case is designed for better heat
resistance.
• Gold-plated electrical contacts are the standard
specification.
• SMT units are compatible with an automatic
assembling equipment, reflow (tape sealing)
mounting and washable. (Compatible with
automatic handling methods; such as a tape
and stick).
Series
FEATURES
HOW TO ORDER
Code
S
Actuator
Slide
Code
E
C
Auto-Insertable
Embossed Taping type
Cartridge type
Code
22
42
62
82
102
Poles
2
4
6
8
10
300mil SOP Standard
* The 4 pole version only is also available with the 1.7mm
height as KHU04 super low profile dip switch.


Similar Part No. - KSD82S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSD880 FAIRCHILD-KSD880 Datasheet
59Kb / 4P
Low Frequency Power Amplifier
logo
Inchange Semiconductor ...
KSD880 ISC-KSD880 Datasheet
277Kb / 2P
isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSD880O FAIRCHILD-KSD880O Datasheet
64Kb / 4P
Low Frequency Power Amplifier
logo
Inchange Semiconductor ...
KSD880W ISC-KSD880W Datasheet
273Kb / 2P
isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSD880Y FAIRCHILD-KSD880Y Datasheet
64Kb / 4P
Low Frequency Power Amplifier
More results

Similar Description - KSD82S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
Low-cost Rotary DIP Switches
logo
ITT Industries
RTE ITT-RTE Datasheet
427Kb / 8P
Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
Low Profile Rotary DIP Switches
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
Low Profile DIP Switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
Rotary DIP Switches
logo
ITT Industries
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
Low Profile Rotary DIP Switches
2021
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
Low Profile Rotary DIP Switches
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
Low Profile Rotary DIP Switches
15 Sep 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com