Electronic Components Datasheet Search
  English  ▼

X  

STD60NF55LA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD60NF55LA
Description  N-channel 55V - 0.012Ω - 60A - DPAK STripFET™II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD60NF55LA Datasheet(HTML) 1 Page - STMicroelectronics

  STD60NF55LA Datasheet HTML 1Page - STMicroelectronics STD60NF55LA Datasheet HTML 2Page - STMicroelectronics STD60NF55LA Datasheet HTML 3Page - STMicroelectronics STD60NF55LA Datasheet HTML 4Page - STMicroelectronics STD60NF55LA Datasheet HTML 5Page - STMicroelectronics STD60NF55LA Datasheet HTML 6Page - STMicroelectronics STD60NF55LA Datasheet HTML 7Page - STMicroelectronics STD60NF55LA Datasheet HTML 8Page - STMicroelectronics STD60NF55LA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2006
Rev 2
1/14
14
STD60NF55LA
N-channel 55V - 0.012
Ω - 60A - DPAK
STripFET™ II Power MOSFET
General features
■ Low threshold drive
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “single feature size™”
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalance characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD60NF55LA
55V
<0.015
Ω
60A
DPAK
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD60NF55LAT4
D60NF55LA
DPAK
Tape & reel


Similar Part No. - STD60NF55LA

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
STD60NF55LAT4-TP TECHPUBLIC-STD60NF55LAT4-TP Datasheet
2Mb / 5P
N-Channel 60-V (D-S) MOSFET
More results

Similar Description - STD60NF55LA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET™ II POWER MOSFET
Oct-2002
STD60NF3LL STMICROELECTRONICS-STD60NF3LL Datasheet
452Kb / 9P
N-CHANNEL 30V - 0.0075ohm - 60A DPAK STripFET™ II POWER MOSFET
Apr-2002
STD60NF55L STMICROELECTRONICS-STD60NF55L Datasheet
455Kb / 9P
N-CHANNEL 55V - 0.012ohm - 60A DPAK STripFET™ II POWER MOSFET
Apr-2002
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
19-Jul-2006
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
474Kb / 12P
N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
Sep-2003
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
08-Aug-2006
STD60NF55L STMICROELECTRONICS-STD60NF55L_06 Datasheet
430Kb / 14P
N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
19-Jul-2006
STD65NF06 STMICROELECTRONICS-STD65NF06 Datasheet
335Kb / 14P
N-channel 60V - 11.5m廓 - 60A - DPAK/TO-220 STripFET??II Power MOSFET
24-Jul-2006
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL_06 Datasheet
404Kb / 13P
N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
logo
STMicroelectronics
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
13-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com