Electronic Components Datasheet Search
  English  ▼

X  

PIC10F202 Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC10F202
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F202 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC10F202 Datasheet HTML 29Page - Microchip Technology PIC10F202 Datasheet HTML 30Page - Microchip Technology PIC10F202 Datasheet HTML 31Page - Microchip Technology PIC10F202 Datasheet HTML 32Page - Microchip Technology PIC10F202 Datasheet HTML 33Page - Microchip Technology PIC10F202 Datasheet HTML 34Page - Microchip Technology PIC10F202 Datasheet HTML 35Page - Microchip Technology PIC10F202 Datasheet HTML 36Page - Microchip Technology PIC10F202 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
© 2007 Microchip Technology Inc.
DS41239D-page 31
PIC10F200/202/204/206
6.1.2
TIMER0 INCREMENT DELAY
Since the prescaler output is synchronized with the
internal clocks, there is a small delay from the time the
external clock edge occurs to the time the Timer0
module is actually incremented. Figure 6-4 shows the
delay from the external clock edge to the timer
incrementing.
FIGURE 6-4:
TIMER0 TIMING WITH EXTERNAL CLOCK
6.2
Prescaler
An 8-bit counter is available as a prescaler for the
Timer0 module or as a postscaler for the Watchdog
Timer (WDT), respectively (see Section 9.6 “Watch-
dog Timer (WDT)”). For simplicity, this counter is
being referred to as “prescaler” throughout this data
sheet.
The PSA and PS<2:0> bits (OPTION<3:0>) determine
prescaler assignment and prescale ratio.
When assigned to the Timer0 module, all instructions
writing to the TMR0 register (e.g., CLRF 1, MOVWF 1,
BSF 1,x, etc.) will clear the prescaler. When assigned
to WDT, a CLRWDT instruction will clear the prescaler
along with the WDT. The prescaler is neither readable
nor writable. On a Reset, the prescaler contains all ‘0’s.
6.2.1
SWITCHING PRESCALER
ASSIGNMENT
The prescaler assignment is fully under software
control (i.e., it can be changed “on-the-fly” during pro-
gram execution). To avoid an unintended device Reset,
the following instruction sequence (Example 6-1) must
be executed when changing the prescaler assignment
from Timer0 to the WDT.
EXAMPLE 6-1:
CHANGING PRESCALER
(TIMER0
→ WDT)
Increment Timer0 (Q4)
External Clock Input or
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
Timer0
T0
T0 + 1
T0 + 2
Small pulse
misses sampling
External Clock/Prescaler
Output After Sampling
(3)
Prescaler Output(2)
(1)
Note 1: Delay from clock input change to Timer0 increment is 3 TOSC to 7 TOSC (Duration of Q = TOSC). Therefore, the error
in measuring the interval between two edges on Timer0 input = ±4 TOSC max.
2: External clock if no prescaler selected; prescaler output otherwise.
3: The arrows indicate the points in time where sampling occurs.
Note:
The prescaler may be used by either the
Timer0 module or the WDT, but not both.
Thus, a prescaler assignment for the
Timer0 module means that there is no
prescaler for the WDT and vice versa.
CLRWDT
;Clear WDT
CLRF
TMR0
;Clear TMR0 & Prescaler
MOVLW
‘00xx1111’b ;These 3 lines (5, 6, 7)
OPTION
;are required only if
;desired
CLRWDT
;PS<2:0> are 000 or 001
MOVLW
‘00xx1xxx’b ;Set Postscaler to
OPTION
;desired WDT rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com