Electronic Components Datasheet Search
  English  ▼

X  

SSM2211-EVAL Datasheet(PDF) 20 Page - Analog Devices

Part # SSM2211-EVAL
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211-EVAL Datasheet(HTML) 20 Page - Analog Devices

Back Button SSM2211-EVAL Datasheet HTML 16Page - Analog Devices SSM2211-EVAL Datasheet HTML 17Page - Analog Devices SSM2211-EVAL Datasheet HTML 18Page - Analog Devices SSM2211-EVAL Datasheet HTML 19Page - Analog Devices SSM2211-EVAL Datasheet HTML 20Page - Analog Devices SSM2211-EVAL Datasheet HTML 21Page - Analog Devices SSM2211-EVAL Datasheet HTML 22Page - Analog Devices SSM2211-EVAL Datasheet HTML 23Page - Analog Devices SSM2211-EVAL Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
SSM2211
Rev. D | Page 20 of 24
The polarity of the speakers is important, as each output is 180
degrees out of phase with the other. By connecting the minus
terminal of Speaker 1 to Pin 5, and the plus terminal of
Speaker 2 to Pin 8, proper speaker phase can be established.
Therefore, for PO = 1 W and RL = 8 Ω, V = 2.8 V rms, or
8 V p­p. If the available input signal is 1.4 V rms or more, use
the board as is, with RF = RI = 20 kΩ. If more gain is needed,
increase the value of RF.
When you have determined the closed-loop gain required by
your source level, and can develop 1 W across the 8 Ω load
resistor with the normal input signal level, replace the resistor
with your speaker. Your speaker can be connected across the
VO1 and VO2 posts for bridged-mode operation only after the
8 Ω load resistor is removed. For no phase inversion, VO2 must
be connected to the (+) terminal of the speaker.
The maximum power dissipation of the device, assuming both
loads are equal, can be found by doubling Equation 11. If the
loads are different, use Equation 11 to find the power dissipa-
tion caused by each load, then take the sum to find the total
power dissipated by the SSM2211.
EVALUATION BOARD
An evaluation board for the SSM2211 is available. For more
information, call 1-800-ANALOGD.
8
SSM2211
5
VO2
GND
CH A
CH B
PROBES
CH B
INV. ON
DISPLAY
A+B
OSCILLOSCOPE
2.5V
COMMON
MODE
VO1
8
Ω
1W
V+
8
4
SSM2211
5
3
2
1
VO2
6
J1
J2
C1
0.1µF
7
CIN
1µF
CW
ON
SHUTDOWN
R1
51kΩ
+
+
RI
20kΩ
RF
20kΩ
VO1
RL
1W 8Ω
VOLUME
20kΩ POT.
AUDIO
INPUT
C1
0.1µF
C2
10µF
Figure 51. Using an Oscilloscope to Display the Bridged-Output Voltage
Figure 50. Evaluation Board Schematic
The voltage gain of the SSM2211 is given by Equation 20.
I
F
V
R
R
A
×
= 2
(20)
To use the SSM2211 in a single-ended-output configuration,
replace J1 and J2 jumpers with electrolytic capacitors of a
suitable value, with the negative terminals to the output
terminals VO1 and VO2. The single-ended loads can then be
returned to ground. Note that the maximum output power is
reduced to 250 mW (one-quarter of the rated maximum), due
to the maximum swing in the nonbridged mode being one-half
and power being proportional to the square of the voltage. For
frequency response down 3 dB at 100 Hz, a 200 μF capacitor is
required with 8 Ω speakers.
The SSM2211 evaluation board also comes with a shutdown
switch, which allows the user to switch between on (normal
operation) and the power-conserving shutdown mode.
If desired, the input signal may be attenuated by turning the
10 kΩ potentiometer in the CW (clockwise) direction. CIN
isolates the input common-mode voltage (VD/2) present at Pin 2
and Pin 3. With V+ = 5 V, there is 2.5 V common-mode voltage
present at both output terminals, VO1 and VO2, as well.
LFCSP PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
The LFCSP is a plastic encapsulated package with a copper lead
frame substrate. This is a leadless package with solder lands on
the bottom surface of the package, instead of conventional
formed perimeter leads. A key feature that allows the user to
reach the quoted θJA performance is the exposed die attach
paddle (DAP) on the bottom surface of the package. When
soldered to the PCB, the DAP can provide efficient conduction
of heat from the die to the PCB. In order to achieve optimum
package performance, consideration should be given to the PCB
pad design for both the solder lands and the DAP. For further
information the user is directed to the Amkor Technology
document, “Application Notes for Surface Mount Assembly of
Amkor’s MicroLead Frame (MLF) Packages.” This can be
downloaded from the Amkor Technology website,
www.amkor.com, as a product application note.
CAUTION: The ground lead of the oscilloscope probe, or any
other instrument used to measure the output signal, must not
be connected to either output, as this shorts out one of the
amplifier outputs and can possibly damage the device.
A safe method of displaying the differential output signal using a
grounded scope is shown in Figure 51. Connect Channel A probe
to the VO2 terminal post. Connect Channel B probe to the VO1
post. Invert Channel B, and add the two channels together. Most
multichannel oscilloscopes have this feature built in. If you must
connect the ground lead of the test instrument to either output
signal pins, a power-line isolation transformer must be used to
isolate the instrument ground from the power supply ground.
Recall that
R
P
V
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com