Electronic Components Datasheet Search
  English  ▼

X  

PIC16F685 Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 103Page - Microchip Technology PIC16F685 Datasheet HTML 104Page - Microchip Technology PIC16F685 Datasheet HTML 105Page - Microchip Technology PIC16F685 Datasheet HTML 106Page - Microchip Technology PIC16F685 Datasheet HTML 107Page - Microchip Technology PIC16F685 Datasheet HTML 108Page - Microchip Technology PIC16F685 Datasheet HTML 109Page - Microchip Technology PIC16F685 Datasheet HTML 110Page - Microchip Technology PIC16F685 Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 105
PIC16F631/677/685/687/689/690
8.10.5
FIXED VOLTAGE REFERENCE
The fixed voltage reference is independent of VDD, with
a nominal output voltage of 0.6V. This reference can be
enabled by setting the VP6EN bit of the VRCON
register to ‘1’. This reference is always enabled when
the HFINTOSC oscillator is active.
8.10.6
FIXED VOLTAGE REFERENCE
STABILIZATION PERIOD
When the Fixed Voltage Reference module is enabled,
it will require some time for the reference and its
amplifier circuits to stabilize. The user program must
include a small delay routine to allow the module to
settle. See the electrical specifications section for the
minimum delay requirement.
8.10.7
VOLTAGE REFERENCE
SELECTION
Multiplexers on the output of the Voltage Reference
module enable selection of either the CVREF or fixed
voltage reference for use by the comparators.
Setting the C1VREN bit of the VRCON register enables
current to flow in the CVREF voltage divider and selects
the CVREF voltage for use by C1. Clearing the C1VREN
bit selects the fixed voltage for use by C1.
Setting the C2VREN bit of the VRCON register enables
current to flow in the CVREF voltage divider and selects
the CVREF voltage for use by C2. Clearing the C2VREN
bit selects the fixed voltage for use by C2.
When both the C1VREN and C2VREN bits are cleared,
current flow in the CVREF voltage divider is disabled
minimizing the power drain of the voltage reference
peripheral.
FIGURE 8-8:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
VRR
8R
VR<3:0>(1)
16-1 Analog
8R
RR
RR
16 Stages
VDD
MUX
Fixed Voltage
C2VREN
C1VREN
CVREF
Reference
EN
VP6EN
Sleep
HFINTOSC enable
0.6V
FixedRef
To Comparators
and ADC module
To Comparators
and ADC module
Note 1:
Care should be taken to ensure VREF remains
within the comparator common mode input
range. See Section 17.0 “Electrical Specifica-
tions” for more detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com