Electronic Components Datasheet Search
  English  ▼

X  

PIC16F685 Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 105Page - Microchip Technology PIC16F685 Datasheet HTML 106Page - Microchip Technology PIC16F685 Datasheet HTML 107Page - Microchip Technology PIC16F685 Datasheet HTML 108Page - Microchip Technology PIC16F685 Datasheet HTML 109Page - Microchip Technology PIC16F685 Datasheet HTML 110Page - Microchip Technology PIC16F685 Datasheet HTML 111Page - Microchip Technology PIC16F685 Datasheet HTML 112Page - Microchip Technology PIC16F685 Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 107
PIC16F631/677/685/687/689/690
9.0
ANALOG-TO-DIGITAL
CONVERTER (ADC) MODULE
The
Analog-to-Digital
Converter
(ADC)
allows
conversion of an analog input signal to a 10-bit binary
representation of that signal. This device uses analog
inputs, which are multiplexed into a single sample and
hold circuit. The output of the sample and hold is
connected to the input of the converter. The converter
generates a 10-bit binary result via successive
approximation and stores the conversion result into the
ADC result registers (ADRESL and ADRESH).
The ADC voltage reference is software selectable to
either VDD or a voltage applied to the external reference
pins.
The ADC can generate an interrupt upon completion of
a conversion. This interrupt can be used to wake-up the
device from Sleep.
Figure 9-1 shows the block diagram of the ADC.
FIGURE 9-1:
ADC BLOCK DIAGRAM
Note:
The ADC module applies to PIC16F677/
PIC16F685/PIC16F687/PIC16F689/
PIC16F690 devices only.
ADC
VDD
VREF
ADON
GO/DONE
VCFG = 1
VCFG = 0
CHS
VSS
RA0/AN0/C1IN+/ICSPDAT/ULPWU
RA1/AN1/C12IN0-/VREF/ICSPCLK
RA2/AN2/T0CKI/INT/C1OUT
RA4/AN3/T1G/OSC2/CLKOUT
RC0/AN4/C2IN+
RC1/AN5/C12IN1-
RC2/AN6/C12IN2-/P1D(1)
RC3/AN7/C12IN3-/P1C(1)
RC6/AN8/SS(2)
RC7/AN9/SDO(2)
RB4/AN10/SDI/SDA(2)
RB5/AN11/RX/DT(2)
CVREF
VP6 Reference
Note
1:
P1C and P1D available on PIC16F685/PIC16F690 only.
2:
SS, SDO, SDA, RX and DT available on PIC16F677/PIC16F687/PIC16F689/PIC16F690 only.
3:
ADC module applies to the PIC16F677/PIC16F685/PIC16F687/PIC16F689/PIC16F690 devices only.
ADRESH
ADRESL
10
10
ADFM
0
= Left Justify
1
= Right Justify



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com