Electronic Components Datasheet Search
  English  ▼

X  

PIC16F685 Datasheet(PDF) 175 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 175 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 171Page - Microchip Technology PIC16F685 Datasheet HTML 172Page - Microchip Technology PIC16F685 Datasheet HTML 173Page - Microchip Technology PIC16F685 Datasheet HTML 174Page - Microchip Technology PIC16F685 Datasheet HTML 175Page - Microchip Technology PIC16F685 Datasheet HTML 176Page - Microchip Technology PIC16F685 Datasheet HTML 177Page - Microchip Technology PIC16F685 Datasheet HTML 178Page - Microchip Technology PIC16F685 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 173
PIC16F631/677/685/687/689/690
12.4.2
SYNCHRONOUS SLAVE MODE
The following bits are used to configure the EUSART
for Synchronous slave operation:
• SYNC = 1
• CSRC = 0
• SREN = 0 (for transmit); SREN = 1 (for receive)
• CREN = 0 (for transmit); CREN = 1 (for receive)
• SPEN = 1
Setting the SYNC bit of the TXSTA register configures the
device for synchronous operation. Clearing the CSRC bit
of the TXSTA register configures the device as a slave.
Clearing the SREN and CREN bits of the RCSTA register
ensures that the device is in the Transmit mode,
otherwise the device will be configured to receive. Setting
the SPEN bit of the RCSTA register enables the
EUSART. If the RX/DT or TX/CK pins are shared with an
analog peripheral the analog I/O functions must be
disabled by clearing the corresponding ANSEL bits.
12.4.2.1
EUSART Synchronous Slave
Transmit
The operation of the Synchronous Master and Slave
modes
are
identical
(see
Section 12.4.1.3
“Synchronous Master Transmission”), except in the
case of the Sleep mode.
If two words are written to the TXREG and then the
SLEEP
instruction is executed, the following will occur:
1.
The first character will immediately transfer to
the TSR register and transmit.
2.
The second word will remain in TXREG register.
3.
The TXIF bit will not be set.
4.
After the first character has been shifted out of
TSR, the TXREG register will transfer the second
character to the TSR and the TXIF bit will now be
set.
5.
If the PEIE and TXIE bits are set, the interrupt
will wake the device from Sleep and execute the
next instruction. If the GIE bit is also set, the
program will call the interrupt service routine.
12.4.2.2
Synchronous Slave Transmission
Set-up:
1.
Set the SYNC and SPEN bits and clear the
CSRC bit.
2.
Clear the CREN and SREN bits.
3.
If using interrupts, ensure that the GIE and PEIE
bits of the INTCON register are set and set the
TXIE bit.
4.
If 9-bit transmission is desired, set the TX9 bit.
5.
Enable transmission by setting the TXEN bit.
6.
If 9-bit transmission is selected, insert the Most
Significant bit into the TX9D bit.
7.
Start
transmission
by
writing
the
Least
Significant 8 bits to the TXREG register.
TABLE 12-9:
REGISTERS ASSOCIATED WITH SYNCHRONOUS SLAVE TRANSMISSION
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Value on
POR, BOR
Value on
all other
Resets
BAUDCTL
ABDOVF
RCIDL
—SCKP
BRG16
—
WUE
ABDEN
01-0 0-00
01-0 0-00
INTCON
GIE
PEIE
T0IE
INTE
RABIE
T0IF
INTF
RABIF
0000 000x
0000 000x
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
-000 0000
-000 0000
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
-000 0000
-000 0000
RCREG
EUSART Receive Data Register
0000 0000
0000 0000
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
0000 000x
SPBRG
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
0000 0000
0000 0000
SPBRGH
BRG15
BRG14
BRG13
BRG12
BRG11
BRG10
BRG9
BRG8
0000 0000
0000 0000
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
1111 ----
1111 ----
TXREG
EUSART Transmit Data Register
0000 0000
0000 0000
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
0000 0010
Legend:
x
= unknown, – = unimplemented read as ‘0’. Shaded cells are not used for Synchronous Slave Transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com