Electronic Components Datasheet Search
  English  ▼

X  

PIC16F685 Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 173Page - Microchip Technology PIC16F685 Datasheet HTML 174Page - Microchip Technology PIC16F685 Datasheet HTML 175Page - Microchip Technology PIC16F685 Datasheet HTML 176Page - Microchip Technology PIC16F685 Datasheet HTML 177Page - Microchip Technology PIC16F685 Datasheet HTML 178Page - Microchip Technology PIC16F685 Datasheet HTML 179Page - Microchip Technology PIC16F685 Datasheet HTML 180Page - Microchip Technology PIC16F685 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 175
PIC16F631/677/685/687/689/690
13.0
SSP MODULE OVERVIEW
The Synchronous Serial Port (SSP) module is a serial
interface used to communicate with other peripheral or
microcontroller devices. These peripheral devices
may be serial EEPROMs, shift registers, display
drivers, A/D converters, etc. The SSP module can
operate in one of two modes:
• Serial Peripheral Interface (SPI)
• Inter-Integrated Circuit (I2C
™)
Refer to Application Note AN578, “Use of the SSP
Module in the Multi-Master Environment” (DS00578).
13.1
SPI Mode
This section contains register definitions and operational
characteristics of the SPI module.
The SPI mode allows 8 bits of data to be synchronously
transmitted and received simultaneously. To accomplish
communication, typically three pins are used:
• Serial Data Out (SDO)
• Serial Data In (SDI)
• Serial Clock (SCK)
Additionally, a fourth pin may be used when in a Slave
mode of operation:
• Slave Select (SS)
FIGURE 13-1:
SSP BLOCK DIAGRAM
(SPI MODE)
Note 1: When the SPI is in Slave mode with SS
pin control enabled (SSPM<3:0> bits of
the SSPCON register = 0100), the SPI
module will reset if the SS pin is set to
VDD.
2: If the SPI is used in Slave mode with
CKE = 1, then the SS pin control must be
enabled.
3: When the SPI is in Slave mode with SS
pin control enabled (SSPM<3:0> bits of
the SSPCON register = 0100), the state
of the SS pin can affect the state read
back
from
the
TRISC<4>
bit.
The
peripheral OE signal from the SSP
module into PORTC controls the state that
is read back from the TRISC<4> bit (see
Section 17.0
“Electrical
Specifications”
for
information
on
PORTC). If read-write-modify instructions,
such as BSF, are performed on the
TRISC register while the SS pin is high,
this will cause the TRISC<7> bit to be set,
thus disabling the SDO output.
Read
Write
Internal
Data Bus
SCK/
SSPSR Reg
SSPBUF Reg
SSPM<3:0>
bit 0
Shift
Clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 Output
TCY
Prescaler
4, 16, 64
TRISB<6>
2
Edge
Select
2
4
SCL
Peripheral OE
SDI/SDA
SDO
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com