Electronic Components Datasheet Search
  English  ▼

X  

AM422 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AM422
Description  VOLTAGE/CURRENT CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM422 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AM422 Datasheet HTML 2Page - Analog Microelectronics AM422 Datasheet HTML 3Page - Analog Microelectronics AM422 Datasheet HTML 4Page - Analog Microelectronics AM422 Datasheet HTML 5Page - Analog Microelectronics AM422 Datasheet HTML 6Page - Analog Microelectronics AM422 Datasheet HTML 7Page - Analog Microelectronics AM422 Datasheet HTML 8Page - Analog Microelectronics AM422 Datasheet HTML 9Page - Analog Microelectronics AM422 Datasheet HTML 10Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
VOLTAGE/CURRENT CONVERTER
AM422
analog microelectronics
April 99
9/10
TYPICAL THREE–WIRE APPLICATION (0.5 – 4.5V)
Example 3: Output current range IOUT = 4...20mA, input voltage range VIN = 0.5...4.5V
The transfer function of the output current IOUT is (equation 2)
II
I
I
V
R
R
RR
OUT
SET
IN
SET
IN
=+
=+
+
2
0
2
12
For the 0.5 to 4.5V application (Figure 8) a change of the input voltage from
∆VIN = 4V should be
displayed over a change of the output current
∆IOUT = 16mA.
With the voltage change at pin 4 (
∆VPIN4 = 800mV, equation 7) the relationship of R1/R2, using
equation 8, becomes then
∆
∆
V
V
R
RR
PIN
IN
42
12
800
4
=
+
=
mV
V
⇒
R
R
VV
V
IN
PIN
PIN
1
2
4
4
4
=
−
=
∆∆
∆
With that relation an offset current ISET from
II
I
I
SET
OUTmin
INmin
OUTmin
=−
=
− 2mA = 2mA
has to be adjusted (equation 10). With R3 = R4 the set resistor RSET can be calculated (equation 4)
R
RR I
V
SET
SET
REF
≈
4
04
The values of the external devices than can be calculated as follows (V
REF = 5V )
R0 = 25
Ω
R3 = R4 = 33k
Ω
RSET
≈ 1.32kΩ
R5 = 40
Ω
R1/R2
≈ 4
R1
≈ 68kΩ
R2
≈ 18kΩ
RL = 0...500
Ω
C1 = 2.2
µF
C
1
R
4
R
3
V
REF
R
0
V
S
I
OUT
R
L
Ground
3
4
7
G = 1
Amplifier
2
1
VREF
2
8
V
SET
V
OFFSET
R
1
R
2
R
SET
5
V
I
6
5/10 V Reference
AM422
−1
R
5
D
1
T
1
V
IN
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com