Electronic Components Datasheet Search
  English  ▼

X  

AS2940T-X Datasheet(PDF) 1 Page - Sipex Corporation

Part # AS2940T-X
Description  1A Low Dropout Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2940T-X Datasheet(HTML) 1 Page - Sipex Corporation

  AS2940T-X Datasheet HTML 1Page - Sipex Corporation AS2940T-X Datasheet HTML 2Page - Sipex Corporation AS2940T-X Datasheet HTML 3Page - Sipex Corporation AS2940T-X Datasheet HTML 4Page - Sipex Corporation AS2940T-X Datasheet HTML 5Page - Sipex Corporation AS2940T-X Datasheet HTML 6Page - Sipex Corporation AS2940T-X Datasheet HTML 7Page - Sipex Corporation AS2940T-X Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 10/11/00
AS2940
1A Low Dropout Voltage Regulators
(PRELIMINARY INFORMATION)
FEATURES
APPLICATIONS
• Output Current 1A
• Battery powered Systems
• Internal Short Circuit Current Limit
• Cordless Telephones
• Dropout Voltage 0.5V at 1A Output
• Automotive Electronics
• Extremely Tight Load and Line Regulation
• Portable / Palm Top / Notebook Computers
• Very Low Temperature Coefficient
• Portable Consumer Equipment
• Mirror Image Insertion protection
• Portable Instrumentation
• Unregulated DC Input Can Withstand -20V Reverse Battery
• SMPS Post-Regulator
• and +60V Positive Transients
• Voltage Reference
• Direct Replacement For LM2940 Socket
PRODUCT DESCRIPTION
The AS2940 is a low powered positive voltage regulator. The AS2940 offers 1A output current with dropout voltage of only 0.5V and
over temperature dropout is up to 1V. The quiescent current is 30mA at differential output of 5V and output current of 1A. The
higher quiescent current can be exist when the device is in dropout mode (VIN – VOUT < 3V).
Other key additional features of this device includes higher output current, positive transient protection up to 60V (load dump), and
ability to survive an unregulated input voltage transient of -20V below ground (reverse battery). The regulator will automatically shut
down to protect both the internal circuits and the load. This device also features short circuit and thermal overload protection.
The AS2940 is offered in a 3-pin TO-220 and TO-263 package compatible with other 5V regulators. This device offers a variety of
output voltages: 3.3V, 5V and 12V. AS2940 is direct replacement to LM2940.
ORDERING INFORMATION
TO-263
3-PIN
TO-220
3-PIN
Oper. Temp.
Range
AS2940T-X
AS2940U-X
-40
°C to +125°C
X= Output Voltage (X = 3.3V, 5.0V)
Consult factory for other fixed voltages.
PIN CONNECTIONS
Top View
TO-263-3 (T)
1
AS2940
2
3
Front View
TO-220-3 (U)
AS2940
12
3
V
IN GND VOUT
V
IN GND VOUT


Similar Part No. - AS2940T-X

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
AS2916 PTC-AS2916 Datasheet
63Kb / 8P
PWM Controller
AS2916B16DN PTC-AS2916B16DN Datasheet
63Kb / 8P
PWM Controller
AS2916B16DT PTC-AS2916B16DT Datasheet
63Kb / 8P
PWM Controller
AS2916B16NN PTC-AS2916B16NN Datasheet
63Kb / 8P
PWM Controller
AS2916B16NT PTC-AS2916B16NT Datasheet
63Kb / 8P
PWM Controller
More results

Similar Description - AS2940T-X

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
1A Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
1A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
1A Output Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
1A LOW DROPOUT VOLTAGE REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com