| Electronic Components Datasheet Search |
|
DSPIC30F6010 Datasheet(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F6010 Datasheet(HTML) 83 Page - Microchip Technology |
|
83 / 203 page ![]() © 2006 Microchip Technology Inc. DS70118G-page 81 dsPIC30F2010 14.0 MOTOR CONTROL PWM MODULE This module simplifies the task of generating multiple, synchronized Pulse Width Modulated (PWM) outputs. In particular, the following power and motion control applications are supported by the PWM module: • Three Phase AC Induction Motor • Switched Reluctance (SR) Motor • Brushless DC (BLDC) Motor • Uninterruptible Power Supply (UPS) The PWM module has the following features: • 6 PWM I/O pins with 3 duty cycle generators • Up to 16-bit resolution • ‘On-the-Fly’ PWM frequency changes • Edge and Center-Aligned Output modes • Single Pulse Generation mode • Interrupt support for asymmetrical updates in Center-Aligned mode • Output override control for Electrically Commutative Motor (ECM) operation • ‘Special Event’ comparator for scheduling other peripheral events •FLTA pins to optionally drive each of the PWM output pins to a defined state This module contains 3 duty cycle generators, num- bered 1 through 3. The module has 6 PWM output pins, numbered PWM1H/PWM1L through PWM3H/PWM3L. The six I/O pins are grouped into high/low numbered pairs, denoted by the suffix H or L, respectively. For complementary loads, the low PWM pins are always the complement of the corresponding high I/O pin. A simplified block diagram of the Motor Control PWM modules is shown in Figure 14-1. The PWM module allows several modes of operation which are beneficial for specific power control applications. Note: This data sheet summarizes features of this group of dsPIC30F devices and is not intended to be a complete reference source. For more information on the CPU, peripherals, register descriptions and general device functionality, refer to the “dsPIC30F Family Reference Manual” (DS70046). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |