Electronic Components Datasheet Search
  English  ▼

X  

SM77H Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # SM77H
Description  SM77H Series 3.3V CMOS Clock Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM77H Datasheet(HTML) 5 Page - Pletronics, Inc.

  SM77H Datasheet HTML 1Page - Pletronics, Inc. SM77H Datasheet HTML 2Page - Pletronics, Inc. SM77H Datasheet HTML 3Page - Pletronics, Inc. SM77H Datasheet HTML 4Page - Pletronics, Inc. SM77H Datasheet HTML 5Page - Pletronics, Inc. SM77H Datasheet HTML 6Page - Pletronics, Inc. SM77H Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product information is current as of publication date. The product conforms to specifications per the terms of the Pletronics standard warranty.
Dec 12, 2022
Rev. Q
Production processing does not necessarily include testing of all parameters.
Copyright © 2022 Pletronics Inc.  19013 36th Ave. W, Lynnwood, WA 98036 USA www.pletronics.com  425-776-1880
Pg 5
PLETRONICS SM77H Series 3.3V
CMOS Clock Oscillator
SM77H Series 3.3V
CMOS Clock Oscillator
Reliability: Environmental
ESD Rating
Absolute Maximum Ratings
Thermal Characteristics:
The maximum die or junction temperature is 150°C
Electrical Test / Load Circuit
Parameter
Unit
VCC Supply Voltage
-0.3V to +4.0V
Vi
Input Voltage
-0.3V to VCC + 0.3V
Vo Output Voltage
-0.3V to VCC + 0.3V
Model
Min. Voltage
Condition
Human Body Model
2000V
JESD22-A114
Machine Model
200V
JESD22-A115
Environmental / ESD Ratings
Notes:
CL: Includes the input capacitance of oscilloscope
* 0.01µF external by-pass filter is recommended
Parameter
Condition
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Vibration
MIL-STD-883, Method 2007, Condition A
Solderability
IPC J-STD-002
Thermal Cycle
MIL-STD-883 Method 1010, Condition B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com