Electronic Components Datasheet Search
  English  ▼

X  

SM77HV Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM77HV
Description  SM77H Series 3.3V CMOS Clock Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM77HV Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM77HV Datasheet HTML 1Page - Pletronics, Inc. SM77HV Datasheet HTML 2Page - Pletronics, Inc. SM77HV Datasheet HTML 3Page - Pletronics, Inc. SM77HV Datasheet HTML 4Page - Pletronics, Inc. SM77HV Datasheet HTML 5Page - Pletronics, Inc. SM77HV Datasheet HTML 6Page - Pletronics, Inc. SM77HV Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Product information is current as of publication date. The product conforms to specifications per the terms of the Pletronics standard warranty.
Dec 12, 2022
Rev. Q
Production processing does not necessarily include testing of all parameters.
Copyright © 2022 Pletronics Inc.  19013 36th Ave. W, Lynnwood, WA 98036 USA www.pletronics.com  425-776-1880
Pg 4
PLETRONICS SM77H Series 3.3V
CMOS Clock Oscillator
SM77H Series 3.3V
CMOS Clock Oscillator
Mechanical Dimensions
Inches
mm
A
0.276 ± 0.006 7.00 ± 0.15
B
0.197 ± 0.006 5.00 ± 0.15
C
0.067 Max
1.70 Max
D1
0.038
0.96
E1
0.200
5.08
F1
0.004
0.10
G1
0.043
1.10
H1
0.055
1.40
J1
0.024
0.60
K1
0.008R
0.20R
L1
0.102
2.60
M1
0.010
0.26
N
End Detents optional
Pad Function
Note
1
Output
Enable/Disable
The oscillator shall operate when this pad is not connected.
The output will be inhibited (high impedance state) when this pad is logic low.
Recommend connecting this pad to VCC if the oscillator is to be always on.
2
Ground (GND)
3
Output
CMOS
4
VCC Supply Voltage
Connect an appropriate power supply bypass capacitor as close as possible
For Optimum Jitter Performance, Pletronics recommends:
$
A ground plane under the device
$
Do not route large transient signals (both current and voltage) under the device
$
Do not place near a large magnetic field such as a high frequency switching power supply
$
Do not place near piezoelectric buzzers or mechanical fans
1 Typical dimensions
Contacts (pads): Gold 11.8 to 39.4 µinches (0.3 to 1.0 µm) over Nickel 50 to 350 µinches (1.27 to 8.89 µm)
Layout
Pad Layout mm shown
Disclaimer: Recommended layout shown.
Adjust layout as needed for individual
process requirements.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com