Electronic Components Datasheet Search
  English  ▼

X  

10F200 Datasheet(PDF) 50 Page - Microchip Technology

Part # 10F200
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F200 Datasheet(HTML) 50 Page - Microchip Technology

Back Button 10F200 Datasheet HTML 46Page - Microchip Technology 10F200 Datasheet HTML 47Page - Microchip Technology 10F200 Datasheet HTML 48Page - Microchip Technology 10F200 Datasheet HTML 49Page - Microchip Technology 10F200 Datasheet HTML 50Page - Microchip Technology 10F200 Datasheet HTML 51Page - Microchip Technology 10F200 Datasheet HTML 52Page - Microchip Technology 10F200 Datasheet HTML 53Page - Microchip Technology 10F200 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
PIC10F200/202/204/206
DS41239D-page 48
© 2007 Microchip Technology Inc.
9.7
Time-out Sequence, Power-down
and Wake-up from Sleep Status
Bits (TO, PD, GPWUF, CWUF)
The TO, PD, GPWUF and CWUF bits in the STATUS
register can be tested to determine if a Reset condition
has been caused by a power-up condition, a MCLR,
Watchdog Timer (WDT) Reset, wake-up on comparator
change or wake-up on pin change.
TABLE 9-5:
TO, PD, GPWUF, CWUF STATUS AFTER RESET
9.8
Reset on Brown-out
A Brown-out Reset is a condition where device power
(VDD) dips below its minimum value, but not to zero,
and then recovers. The device should be reset in the
event of a brown-out.
To reset PIC10F200/202/204/206 devices when a
Brown-out Reset occurs, external brown-out protection
circuits may be built, as shown in Figure 9-7 and
Figure 9-8.
FIGURE 9-7:
BROWN-OUT
PROTECTION CIRCUIT 1
FIGURE 9-8:
BROWN-OUT
PROTECTION CIRCUIT 2
CWUF
GPWUF
TO
PD
Reset Caused By
00
0
0
WDT wake-up from Sleep
00
0
u
WDT time-out (not from Sleep)
00
1
0
MCLR wake-up from Sleep
00
1
1
Power-up
00
u
u
MCLR not during Sleep
01
1
0
Wake-up from Sleep on pin change
10
1
0
Wake-up from Sleep on comparator change
Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1:
The TO, PD, GPWUF and CWUF bits maintain their status (u) until a Reset occurs. A low-pulse on the
MCLR input does not change the TO, PD, GPWUF or CWUF Status bits.
Note 1:
This circuit will activate Reset when VDD goes
below Vz + 0.7V (where Vz = Zener voltage).
2:
Pin must be confirmed as MCLR.
33k
10k
40k(1)
VDD
MCLR(2)
PIC10F20X
VDD
Q1
Note 1:
This brown-out circuit is less expensive,
although less accurate. Transistor Q1 turns
off when VDD is below a certain level such
that:
2:
Pin must be confirmed as MCLR.
VDD •
R1
R1 + R2
= 0.7V
R2
40k(1)
VDD
MCLR(2)
PIC10F20X
R1
Q1
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com