Electronic Components Datasheet Search
  English  ▼

X  

ST2000DM006 Datasheet(PDF) 9 Page - Seagate Technology LLC

Part # ST2000DM006
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM006 Datasheet(HTML) 9 Page - Seagate Technology LLC

Back Button ST2000DM006 Datasheet HTML 5Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 6Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 7Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 8Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 9Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 10Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 11Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 12Page - Seagate Technology LLC ST2000DM006 Datasheet HTML 13Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
8
www.seagate.com
Drive Specifications
2.0
Drive Specifications
Unless otherwise noted, all specifications are measured under ambient conditions, at 25°C, and nominal power. For
convenience, the phrases the drive and this drive are used throughout this manual to indicate the following drive models
2.1
Specification summary tables
The specifications listed in Table 1 are for quick reference. For details on specification measurement or definition, refer to
the appropriate section of this manual.
Standard models
Self-Encryption models
ST3000DM008
ST1000DM010
ST3000DM009
ST2000DM006
ST500DM009
ST2000DM007
Table 1
Drive specifications summary for 3TB, 2TB, 1TB and 500GB models
Drive Specification*
ST3000DM008 &
ST3000DM009
ST2000DM006 &
ST2000DM007
ST1000DM010
ST500DM009
Formatted capacity (512 bytes/sector)**
3000GB (3TB);
2000GB (2TB);
1000GB (1TB);
500GB
Guaranteed sectors
5,860,533,168;
3,907,029,168;
1,953,525,168;
976,773,168
Heads
6
6 / 4
2
2/1
Disks
3
3 / 2
1
1
Bytes per sector
(4K physical emulated at 512-byte sectors)
4096
Default sectors per track
63
Default read/write heads
16
Default cylinders
16,383
Recording density (max)
1807kFCI
Track density (avg)
352ktracks/in
Areal density (avg)
625Gb/in2
Spindle speed
7200 RPM
Internal data transfer rate (max)
2147Mb/s
Average data rate, read/write (MB/s)
156MB/s
Maximum sustained data rate, OD read (MB/s)
210MB/s
I/O data-transfer rate (max)
600MB/s
Cache buffer
64MB
32 MB
Height (max)
26.1mm / 1.028 in
20.17mm / 0.795 in
Width (max)
101.6mm /4.0 in (+ 0.010 in)
Length (max)
146.99mm / 5.787 in
Weight (typical)
626g /1.38 lb
626g/1.38lb
535g / 1.18 lb
400g / 0.88lb
Average latency
4.16ms
Power-on to ready (typical)
<10.0s
Power-on to ready (max)
<17.0s
<10.0s
<8.5s
Standby to ready (max)
<17.0s
<10.0s
<8.5s
Average seek, read (typical)
Average seek, write (typical)
<8.5ms
<9.5ms
Startup current 12V
2.0A or 2.5A
2.0A
Voltage tolerance (including noise)
5V: ±5%
12V: +10% / -7.5%
Non-Operating ambient temperature (°C)
–40° to 70°
Operating ambient temperature (min °C)
0°
Operating temperature (Drive case max °C)
60° †



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com