Electronic Components Datasheet Search
  English  ▼

X  

SS12 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS12
Description  Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12 Datasheet(HTML) 2 Page - ON Semiconductor

  SS12_V01 Datasheet HTML 1Page - ON Semiconductor SS12_V01 Datasheet HTML 2Page - ON Semiconductor SS12_V01 Datasheet HTML 3Page - ON Semiconductor SS12_V01 Datasheet HTML 4Page - ON Semiconductor SS12_V01 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS12 − S100
www.onsemi.com
2
Specifications
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
SS12
SS13
SS14
SS15
SS16
SS18
SS19
S100
VRRM
Peak Repetitive Reverse Voltage
20
30
40
50
60
80
90
100
V
IF(AV)
Maximum Average Forward Current:
0.375−inch Lead Length at TA = 75°C
1.0
A
IFSM
Non−Repetitive Peak Forward Surge
Current: 8.3 ms Single Half−Sine Wave
40
A
TJ
Operating Junction Temperature
−65 to +125
°C
TSTG
Storage Temperature Range
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Characteristic
Value
Unit
PD
Power Dissipation
1.1
W
RqJA
Thermal Resistance, Junction−to−Ambient (Note 1)
88
°C/W
1. Device mounted on FE−4 PCB 0.013 mm.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Value
Unit
SS12
SS13
SS14
SS15
SS16
SS18
SS19
S100
VF
Maximum Forward
Voltage
IF = 1.0 A
500
700
850
mV
IR
Maximum Reverse
Current at Rated VR
TA = 25°C
0.2
mA
TA = 100°C
10
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com