Electronic Components Datasheet Search
  English  ▼

X  

SS22FA Datasheet(PDF) 1 Page - ON Semiconductor

Part # SS22FA
Description  Schottky Barrier Rectifiers, Surface Mount, 2 A, 20 V - 150 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS22FA Datasheet(HTML) 1 Page - ON Semiconductor

  SS22FA Datasheet HTML 1Page - ON Semiconductor SS22FA Datasheet HTML 2Page - ON Semiconductor SS22FA Datasheet HTML 3Page - ON Semiconductor SS22FA Datasheet HTML 4Page - ON Semiconductor SS22FA Datasheet HTML 5Page - ON Semiconductor SS22FA Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2020
August, 2023 − Rev. 2
1
Publication Order Number:
SS29FA/D
Schottky Barrier Rectifiers,
Surface Mount,
2 A, 20 V - 150 V
SS22FA - S215FA
Features
• Low Power Loss, High Efficiency
• Guard Ring for Overvoltage Protection
• High Surge Current Capability
• UL Flammability 94V−0 Classification
• MSL 1 per J−STD−020
• Green Molding Compound
• NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements;
AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
ORDERING INFORMATION
Part Number
Top Mark
Package
Shipping†
SS22FA
22L
SOD−123FL
(Pb−Free)
3000 / Tape & Reel
NRVBSS22FA
SS23FA
23L
SOD−123FL
(Pb−Free)
3000 / Tape & Reel
NRVBSS23FA
SS25FA
25L
SOD−123FL
(Pb−Free)
3000 / Tape & Reel
NRVBSS25FA
SS29FA
29L
SOD−123FL
(Pb−Free)
3000 / Tape & Reel
NRVBSS29FA
S210FA
20L
SOD−123FL
(Pb−Free)
3000 / Tape & Reel
NRVBS210FA
S215FA
2AL
SOD−123FL
(Pb−Free)
3000 / Tape & Reel
NRVBS215FA
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
SOD−123FL
CASE 425AB
MARKING DIAGRAM
&Y
= Binary Calendar Year Coding Scheme
&Z
= Assembly Plant Code
**
= Specific Device Code
(see “Top Mark” in the table below)
&G
= Single Digit Weekly Date Code
Band Indicates Cathode
12
&Y
&Z**&G
Rectifier
Cathode
Anode
1
2


Similar Part No. - SS22FA

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS22FA BILIN-SS22FA Datasheet
140Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ON Semiconductor
SS22FA ONSEMI-SS22FA Datasheet
145Kb / 6P
Schottky Barrier Rectifiers, Surface Mount, 2 A, 20 V - 150 V
May, 2020 ??Rev. 1
More results

Similar Description - SS22FA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS0520P SECOS-SCS0520P_09 Datasheet
273Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V_09 Datasheet
383Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
SCS0520LP SECOS-SCS0520LP_12 Datasheet
148Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
logo
Bruckewell Technology L...
SS22A-210A BWTECH-SS22A-210A Datasheet
363Kb / 4P
Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE 20 - 100 V
SS32A-3100A BWTECH-SS32A-3100A Datasheet
362Kb / 4P
Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE 20 - 100 V
SS32-SS3100 BWTECH-SS32-SS3100 Datasheet
362Kb / 4P
Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE 20 - 100 V
SS32B-SS3100B BWTECH-SS32B-SS3100B Datasheet
363Kb / 4P
Surface Mount Schottky Barrier Rectifiers REVERSE VOLTAGE: 20 - 100 V
logo
SeCoS Halbleitertechnol...
SM3150A SECOS-SM3150A Datasheet
192Kb / 2P
Voltage 150 V 3.0 A Schottky Barrier Rectifiers
MSCD102 SECOS-MSCD102 Datasheet
177Kb / 3P
Voltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
ON Semiconductor
SS22FA ONSEMI-SS22FA Datasheet
145Kb / 6P
Schottky Barrier Rectifiers, Surface Mount, 2 A, 20 V - 150 V
May, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com