Electronic Components Datasheet Search
  English  ▼

X  

SS16HE Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS16HE
Description  Surface Mount Schottky Barrier Rectifiers 1 A, 30 V - 60 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS16HE Datasheet(HTML) 2 Page - ON Semiconductor

  SS16HE Datasheet HTML 1Page - ON Semiconductor SS16HE Datasheet HTML 2Page - ON Semiconductor SS16HE Datasheet HTML 3Page - ON Semiconductor SS16HE Datasheet HTML 4Page - ON Semiconductor SS16HE Datasheet HTML 5Page - ON Semiconductor SS16HE Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS13HE, NRVBSS13HE Series
www.onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Unit
SS13HE
SS14HE,
SASS14HE
SS16HE
VRRM
Maximum Repetitive Peak Reverse Voltage
30
40
60
V
VR
Reverse Voltage
30
40
60
V
IF(AV)
Maximum Average Forward Rectified Current
1
A
IFSM
Peak Forward Surge Current: 8.3 ms Single Half
Sine−Wave Superimposed on Rated Load
25
A
TJ
Operating Junction Temperature Range
−55 to +150
°C
TSTG
Storage Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 2. THERMAL CHARACTERISTICS (Note 1) Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Unit
YJL
Junction−to−Lead Thermal Resistance Thermocouple Soldered to Cathode
21
°C/W
RqJA
Junction−to−Ambient Thermal Resistance (Note 1)
199
°C/W
1. Per JESD51−3 Recommended Thermal Test Board. Device mounted on FR−4 PCB, board size = 76.2 mm x 114.3 mm
Table 3. ELECTRICAL CHARACTERISTICS Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
Instantaneous Forward
Voltage (Note 2)
IF = 0.5 A, TJ = 25°C
SS13HE,
SS14HE,
SASS14HE
0.41
V
IF = 0.5 A, TJ = 125°C
0.31
IF = 1.0 A, TJ = 25°C
0.46
0.55
IF = 1.0 A, TJ = 125°C
0.40
0.50
IF = 0.5 A, TJ = 25°C
SS16HE
0.51
IF = 0.5 A, TJ = 125°C
0.45
IF = 1.0 A, TJ = 25°C
0.61
0.68
IF = 1.0 A, TJ = 125°C
0.54
0.60
IR
Reverse Current at Rated VR
TJ = 25°C
SS13HE,
SS14HE,
SASS14HE
5.0
50
mA
TJ = 125°C
3.0
10
mA
TJ = 25°C
SS16HE
2.0
50
mA
TJ = 125°C
1.5
10
mA
Trr
Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
SS13HE,
SS14HE,
SASS14HE
5.6
ns
SS16HE
8.3
CJ
Junction Capacitance
VR = 4.0 V, f = 1 MHz
SS13HE,
SS14HE,
SASS14HE
55
pF
SS16HE
43
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse test with PW = 300 ms, 1% duty cycle



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com