Electronic Components Datasheet Search
  English  ▼

X  

SS29FA Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS29FA
Description  Schottky Barrier Rectifiers, Surface Mount, 2 A, 20 V - 150 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS29FA Datasheet(HTML) 2 Page - ON Semiconductor

  SS29FA Datasheet HTML 1Page - ON Semiconductor SS29FA Datasheet HTML 2Page - ON Semiconductor SS29FA Datasheet HTML 3Page - ON Semiconductor SS29FA Datasheet HTML 4Page - ON Semiconductor SS29FA Datasheet HTML 5Page - ON Semiconductor SS29FA Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS22FA − S215FA
www.onsemi.com
2
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
SS22FA SS23FA SS25FA SS29FA S210FA S215FA
VRRM
Repetitive Peak Reverse Voltage
20
30
50
90
100
150
V
VRMS
RMS Reverse Voltage
14
21
35
63
70
105
V
VR
DC Blocking Voltage
20
30
50
90
100
150
V
IF(AV)
Average Forward Rectified Current
2
A
IFSM
Peak Forward Surge Current: 8.3 ms Single
Half Sine−Wave Superimposed on Rated Load
50
A
TJ
Operating Junction Temperature Range
−55 to +125
−55 to +150
°C
TSTG
Storage Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Note 1)
Symbol
Characteristic
Value
Unit
ΨJL
Junction−to−Lead Thermal Characteristics
16
°C/W
RqJA
Junction−to−Ambient Thermal Resistance
152
°C/W
1. Per JESD51−3 Recommended Thermal Test Board. Device mounted on FR−4 PCB, board size = 76.2 mm x 114.3 mm.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Value
Unit
SS22FA SS23FA SS25FA SS29FA S210FA S215FA
VF
Maximum Instantaneous Forward
Voltage (Note 2)
IF = 2 A
0.50
0.70
0.85
0.95
V
IR
Maximum Reverse Current at
Rated VR
TJ = 25°C
0.4
0.1
mA
TJ = 100°C
15
10
TJ = 125°C
5
CJ
Typical Junction Capacitance
VR = 4 V,
f = 1 MHz
120
93
62
48
pF
Trr
Typical Reverse Recovery Time
IF = 0.5 A,
IR = 1 A,
IRR = 0.25 A
10
9
7
13
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse test with PW = 300 ms, 1% duty cycle.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com