Electronic Components Datasheet Search
  English  ▼

X  

8302001SA Datasheet(PDF) 2 Page - Texas Instruments

Part # 8302001SA
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

8302001SA Datasheet(HTML) 2 Page - Texas Instruments

  8302001SA Datasheet HTML 1Page - Texas Instruments 8302001SA Datasheet HTML 2Page - Texas Instruments 8302001SA Datasheet HTML 3Page - Texas Instruments 8302001SA Datasheet HTML 4Page - Texas Instruments 8302001SA Datasheet HTML 5Page - Texas Instruments 8302001SA Datasheet HTML 6Page - Texas Instruments 8302001SA Datasheet HTML 7Page - Texas Instruments 8302001SA Datasheet HTML 8Page - Texas Instruments 8302001SA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN54ALS373A, SN54AS373, SN74ALS373A, SN74AS373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SDAS083C – APRIL 1982 – REVISED MARCH 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP
N
Tube
SN74ALS373AN
SN74ALS373AN
PDIP – N
Tube
SN74AS373N
SN74AS373N
Tube
SN74ALS373ADW
ALS373A
0
°Cto70°C
SOIC
DW
Tape and reel
SN74ALS373ADWR
ALS373A
0
°C to 70°C
SOIC – DW
Tube
SN74AS373DW
AS373
Tape and reel
SN74AS373DWR
AS373
SOP
NS
Tape and reel
SN74ALS373ANSR
ALS373A
SOP – NS
Tape and reel
SN74AS373NSR
74AS373
CDIP
J
Tube
SNJ54ALS373AJ
SNJ54ALS373AJ
CDIP – J
Tube
SNJ54AS373J
SNJ54AS373J
–55
°C to 125°C
CFP – W
Tube
SNJ54ALS373AW
SNJ54ALS373AW
LCCC
FK
Tube
SNJ54ALS373AFK
SNJ54ALS373AFK
LCCC – FK
Tube
SNJ54AS373FK
SNJ54AS373FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each latch)
INPUTS
OUTPUT
OE
LE
D
Q
L
H
H
H
L
HL
L
L
LX
Q0
H
X
X
Z
logic diagram (positive logic)
OE
LE
1D
1Q
1
11
3
2
To Seven Other Channels
C1
1D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com