Electronic Components Datasheet Search
  English  ▼

X  

PC44EPC10-Z Datasheet(PDF) 39 Page - TDK Electronics

Part # PC44EPC10-Z
Description  Ferrite for Switching Power Supplies
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PC44EPC10-Z Datasheet(HTML) 39 Page - TDK Electronics

Back Button PC44EPC10-Z Datasheet HTML 35Page - TDK Electronics PC44EPC10-Z Datasheet HTML 36Page - TDK Electronics PC44EPC10-Z Datasheet HTML 37Page - TDK Electronics PC44EPC10-Z Datasheet HTML 38Page - TDK Electronics PC44EPC10-Z Datasheet HTML 39Page - TDK Electronics PC44EPC10-Z Datasheet HTML 40Page - TDK Electronics PC44EPC10-Z Datasheet HTML 41Page - TDK Electronics PC44EPC10-Z Datasheet HTML 42Page - TDK Electronics PC44EPC10-Z Datasheet HTML 43Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
(38/44)
002-03 / 20100305 / e143.fm
• All specifications are subject to change without notice.
NI limit vs. AL-value for
AL-value vs. Air gap length for
PC90EPC25 gapped core (Typical)
PC90EPC25 core (Typical)
NI limit vs. AL-value for
AL-value vs. Air gap length for
PC95EPC25 gapped core (Typical)
PC95EPC25 core (Typical)
102
103
AL-value(nH/N2)
103
104
102
101
101
Temperature: 100˚C
40%
20%
NI20%=21866×AL–1.0791
NI40%=20894×AL–1.048
104
103
102
101
Air gap length(mm)
0.01
0.10
1
10
Center pole gap
Temperature: 25˚C
AL=81.394×lg –0.69
Note: NI limit shows the point where the exciting
current is 20% and 40% away from its
extended linear part.
Measuring conditions • Coil: ø0.2 2UEW 100Ts
• Frequency: 1kHz
• Level: 0.5mA
102
103
AL-value(nH/N2)
103
104
102
101
101
Temperature: 100˚C
40%
20%
NI20%=18325×AL–1.0645
NI40%=19871×AL–1.058
104
103
102
101
Air gap length(mm)
0.01
0.10
1
10
Center pole gap
Temperature: 25˚C
AL=82.811×lg –0.7382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com