Electronic Components Datasheet Search
  English  ▼

X  

PC44EPC17-Z Datasheet(PDF) 40 Page - TDK Electronics

Part # PC44EPC17-Z
Description  Ferrite for Switching Power Supplies
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PC44EPC17-Z Datasheet(HTML) 40 Page - TDK Electronics

Back Button PC44EPC17-Z Datasheet HTML 36Page - TDK Electronics PC44EPC17-Z Datasheet HTML 37Page - TDK Electronics PC44EPC17-Z Datasheet HTML 38Page - TDK Electronics PC44EPC17-Z Datasheet HTML 39Page - TDK Electronics PC44EPC17-Z Datasheet HTML 40Page - TDK Electronics PC44EPC17-Z Datasheet HTML 41Page - TDK Electronics PC44EPC17-Z Datasheet HTML 42Page - TDK Electronics PC44EPC17-Z Datasheet HTML 43Page - TDK Electronics PC44EPC17-Z Datasheet HTML 44Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
(39/44)
002-03 / 20100305 / e143.fm
• All specifications are subject to change without notice.
EPC Series EPC25B Cores
∗ Coil: ø0.23 2UEW 100Ts
NI limit vs. AL-value for
AL-value vs. Air gap length for
Temperature rise vs. Total loss for
PC44EPC25B gapped core (Typical)
PC44EPC25B core (Typical)
EPC25B core (Typical)
(Ambient temperature: 25°C)
PARAMETER
Core factor
C1
mm–1
1.39
Effective magnetic path length
emm
46.2
Effective cross-sectional area
Ae
mm2
33.3
Effective core volume
Ve
mm3
1540
Cross-sectional center pole area
A
cp
mm2
32.4
Minimum cross-sectional area
A
cp min. mm2
30.3
Cross-sectional winding area of core
Acw
mm2
62.1
Weight (approx.)
g11
20.4min.
25.1
±0.5
13.8
±0.2
8.78
±0.15
11.43
±0.15
Dimensions in mm
16.5min.
Part No.
AL-value (nH/N2)∗
Core loss (W) max.
Calculated output power
(forward converter mode)
100kHz, 200mT
PC44EPC25B-Z
1560±25% (1kHz, 0.5mA)
0.65(100°C)
45W (100kHz)
PC90EPC25B-Z
1400±25% (1kHz, 0.5mA)
0.8(100°C)
46W
PC95EPC25B-Z
2200±25% (1kHz, 0.5mA)
0.8/0.65/0.8(25°C/80°C/120°C)
47.6W
Note: The temperature rise is measured in the
room whose temperature and humidity are
fixed to 25°C and 45(%)RH. respectively.
(approx. 400
×300×300cm)
Measuring point
Coil
Core
102
103
AL-value(nH/N2)
103
104
102
101
101
Temperature: 100˚C
40%
20%
NI20%=13659×AL–1.0567
NI40%=11847×AL–1.0101
104
103
102
101
Air gap length(mm)
0.01
0.10
1
10
Center pole gap
Temperature: 25˚C
AL=73.312×lg –0.677
0
50
100
Total loss Pm(W)
0
1.5
2.5
12
0.5
Note: NI limit shows the point where the exciting
current is 20% and 40% away from its
extended linear part.
Measuring conditions • Coil: ø0.23 2UEW 100Ts
• Frequency: 1kHz
• Level: 0.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com