Electronic Components Datasheet Search
  English  ▼

X  

TY-145P Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # TY-145P
Description  Audio Transformer PC Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

TY-145P Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  TY-145P Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A u d i o Tr ansformer
P C M o u n t
web:www.Tri
netics.com
Phone 951-2
757
Fax 951-277
22520B Temescal Canyon Road
Corona ,California
92883
Publish Date: June 20, 2006
TY -145P
Description:
These transformers operate in the 200 Hz to 15,000 Hz range, making them
suitable for a broad application spectrum in the audio industry. These devices
are used in line matching, telephone coupling, pulse trigger, driver, interstage,
output, isolation and input applications.
Operating Temperature Range:
0º C to 105º C
Electrical Specifications at 25º C:
1. Primary Impedance:
600
Ω CT
+ 15% with 600Ω load
2. Secondary Impedance:
600
Ω CT
3. Output:
100mW
adMag
77-0
-2757
MAX
.700
4. Primary DC Unbalance:
15 Ma
5. Frequency Response:
+ 2db from 200 to 15,000 Hz
6. Impedance Matching:
10% over full frequency range
7. Longitudinal Balance
> 45db
8. Insertion Loss @ 1K Hz:
< 1.5db
9. Return Loss:
> 26db
10. Total Harmonic Distortion
< 0.5% between 275Hz and3.5KHz
11. DCR:
Primary (1-3)
44Ω Nominal
Secondary (4-6)
58Ω Nominal
12. Turns Ratio:
1 : 1
13. Dielectric Strength
1500V Pri to Sec to Core
Construction:
Bobbin has plug-in terminals which are spaced to provide fixed mounting centers.
Pins are a rugged .042” square, minimizing the incidence of bent pins from
handling.
12 3
DOT ABOVE #1 PIN
ON BOBBIN FLANGE
.740
MAX
.187 REF
.812
Outline Dimensions:
A. Dimensions: As figures show
B. PIN DIM. : .0375” x .020”
C. Weight. : 0.51 oz.
Schematic:
1
2
3
4
5
6
Z = 600 CT TO 600 CT
1
.060 DIA HOLES
23
4
5
6
.420
.187
.187
RoHS Compliance:
As of manufacturing date February 2005, all
standardproducts meet the requirements of 2002/95/EC, known as the RoHS
initiative.
*Upon printing, this document is considered “uncontrolled”.Please contact
Triad Magnetics’ website for the most current version.


Similar Part No. - TY-145P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TY-145P ETC1-TY-145P Datasheet
83Kb / 1P
5V, 200 HZ, 1-3
logo
TRIAD MAGNETICS
TY-145P TRIAD-TY-145P_13 Datasheet
123Kb / 1P
Audio Transformer PC Mount
More results

Similar Description - TY-145P

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3078-1 PCA-EPC3078-1 Datasheet
38Kb / 1P
Off-Line PC Mount Transformer
EPC3093-1 PCA-EPC3093-1 Datasheet
35Kb / 1P
Off-Line PC Mount Transformer
EPC3094-1 PCA-EPC3094-1 Datasheet
36Kb / 1P
Off-Line PC Mount Transformer
logo
TRIAD MAGNETICS
TY-141P TRIAD-TY-141P_13 Datasheet
94Kb / 1P
Audio Transformer PC mount
TY-142P TRIAD-TY-142P_13 Datasheet
122Kb / 1P
Audio Transformer PC mount
TY-144P TRIAD-TY-144P_13 Datasheet
123Kb / 1P
Audio Transformer PC Mount
TY-145P TRIAD-TY-145P_13 Datasheet
123Kb / 1P
Audio Transformer PC Mount
TY-146P TRIAD-TY-146P_13 Datasheet
125Kb / 1P
Audio Transformer PC Mount
TY-250P TRIAD-TY-250P Datasheet
92Kb / 1P
Audio Transformer PC Mount
TY-305P TRIAD-TY-305P_13 Datasheet
44Kb / 1P
Audio Transformer PC Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com