Electronic Components Datasheet Search
  English  ▼

X  

FT232BL Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # FT232BL
Description  USB UART ( USB - Serial) I.C.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button FT232BL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
DS232BQ Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 16 of 25
FT232BQ USB UART ( USB - Serial) I.C.
7.3 USB Bus Powered and Self Powered Configuration
Figure 7
USB Bus Powered Configuration
VCC
27R
USB "B"
Connector
27R
USB DM
RSTOUT#
8
FT232BM
USB DP
7
5
V
C
C
V
C
C
V
C
C
I
O
3
26
13
1
2
3
4
Ferrite Bead
1k5
33nF
3v3OUT
6
470R
A
V
C
C
30
0.1uF
POWERCTL
14
G
N
D
G
N
D
A
G
N
D
9
17
29
10nF
VCC
RESET#
4
Decoupling Capacitors
10uF
VCC
0.1uF
0.1uF
+
Figure 7 illustrates a typical USB bus powered configuration. A USB Bus Powered device gets its power from the USB
bus. Basic rules for USB Bus power devices are as follows –
a) On plug-in, the device must draw no more than 100mA
b) On USB Suspend the device must draw no more than 500uA.
c) A Bus Powered High Power Device (one that draws more than 100mA) should use the PWREN# pin to keep the
current below 100mA on plug-in and 500uA on USB suspend.
d) A device that consumes more than 100mA can not be plugged into a USB Bus Powered Hub
e) No device can draw more that 500mA from the USB Bus.
PWRCTL (pin 14) is pulled low to tell the device to use a USB Bus Power descriptor. The power descriptor in the
EEPROM should be programmed to match the current draw of the device.
A Ferrite Bead is connected in series with USB power to prevent noise from the device and associated circuitry (EMI)
being radiated down the USB cable to the Host. The value of the Ferrite Bead depends on the total current required by
the circuit – a suitable range of Ferrite Beads is available from Steward (www.steward.com) for example Steward Part
#
MI0805K400R-00 also available as DigiKey Part # 240-1035-1.
FT232BQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com