Electronic Components Datasheet Search
  English  ▼

X  

DDA-SJS-S1 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DDA-SJS-S1
Description  LED AlInGaP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDA-SJS-S1 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DDA-SJS-S1 Datasheet HTML 1Page - DOMINANT Semiconductors DDA-SJS-S1 Datasheet HTML 2Page - DOMINANT Semiconductors DDA-SJS-S1 Datasheet HTML 3Page - DOMINANT Semiconductors DDA-SJS-S1 Datasheet HTML 4Page - DOMINANT Semiconductors DDA-SJS-S1 Datasheet HTML 5Page - DOMINANT Semiconductors DDA-SJS-S1 Datasheet HTML 6Page - DOMINANT Semiconductors DDA-SJS-S1 Datasheet HTML 7Page - DOMINANT Semiconductors DDA-SJS-S1 Datasheet HTML 8Page - DOMINANT Semiconductors DDA-SJS-S1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
07/06/2007 V10.0
5
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping
Wavelength distribution (nm)
Color
DDH; Hyper-red
DDS; Super-red
DDR-CJ, -SJ; Red (AS)
DDR-TJ; Red (TS)
DDA; Amber
DDO; Orange
DDY; Yellow
DDG; Green
DDP; Pure Green
Full
Full
Full
Full
Full
W
X
Full
W
X
Y
Z
Full
W
X
Y
Z
Full
W
X
Y
Z
Full
W
X
Y
Z
636 - 646
625 - 640
620 - 630
620 - 635
610 - 621
610 - 615
615 - 621
600 - 612
600 - 603
603 - 606
606 - 609
609 - 612
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
564.5 - 576.5
564.5 - 567.5
567.5 - 570.5
570.5 - 573.5
573.5 - 576.5
552.5 - 564.5
552.5 - 555.5
555.5 - 558.5
558.5 - 561.5
561.5 - 564.5
AllnGap : DDx-xJS
DOMINANT TM
Semiconductors
Innovating Illumination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com