Electronic Components Datasheet Search
  English  ▼

X  

AD8676 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8676
Description  Ultraprecision, 36 V, 2.8 nV/√Hz Dual Rail-to-Rail Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8676 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8676 Datasheet HTML 3Page - Analog Devices AD8676 Datasheet HTML 4Page - Analog Devices AD8676 Datasheet HTML 5Page - Analog Devices AD8676 Datasheet HTML 6Page - Analog Devices AD8676 Datasheet HTML 7Page - Analog Devices AD8676 Datasheet HTML 8Page - Analog Devices AD8676 Datasheet HTML 9Page - Analog Devices AD8676 Datasheet HTML 10Page - Analog Devices AD8676 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
AD8676
Rev. C | Page 7 of 12
±15 V and ±5 V, TA = 25°C, unless otherwise specified.
5
–5
–4
–3
–2
–1
0
1
2
3
4
–40
TEMPERATURE (°C)
–20
120
100
80
60
40
20
0
VS = ±15V
VS = ±5V
Figure 9. Input Bias Current vs. Temperature
3.0
2.5
2.0
1.5
1.0
0.5
0
5
SUPPLY VOLTAGE (V)
35
30
25
20
15
10
Figure 10. Supply Current vs. Total Supply Voltage
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–40
TEMPERATURE (°C)
–20
120
100
80
60
40
20
0
VS = ±15V
VS = ±5V
Figure 11. Supply Current vs. Temperature
100
120
100
80
40
60
20
–40
–20
0
–80
–100
–60
–120
10k
1k
100k
10M
1M
100M
FREQUENCY (Hz)
RL = 2kΩ
CL = 35pF
θM = 55.2°
GAIN
PHASE
180
0
45
–45
–90
–135
90
135
–180
Figure 12. Gain and Phase vs. Frequency
60
50
40
30
20
10
0
–10
–20
–30
–40
1k
10k
100k
G = 1
G = 10
G = 100
1M
10M
100M
FREQUENCY (Hz)
Figure 13. Closed-Loop Gain vs. Frequency
70
60
50
40
30
20
10
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AVO = 100
AVO = 10
AVO = 1
Figure 14. ZOUT vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com